Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PCA9535
Description  Low-voltage 16-bit I²C and SMBus low-power I/O expander
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCA9535 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PCA9535 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Nexperia
PCA9535
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration
registers
6.4. Power-on reset
When power (from 0 V) is applied to VCC and starts rising, an internal power-on reset holds the
PCA9535 in a reset condition until VCC has reached VPORR. At that time, the reset condition is
released and the PCA9535 registers and I²C-bus/SMBus state machine initializes to their default
states. After that, VCC must be lowered to below 0.2 V and back up to the operating voltage for a
power-reset cycle. See Section 8.2.
6.5. Interrupt output
An interrupt is generated by any rising or falling edge of the port inputs in the Input mode. After
time tv(INT), the signal INT is valid. The interrupt is reset when data on the port changes back
to the original value or when data is read form the port that generated the interrupt (see Fig. 9
and Fig. 10). Resetting occurs in the Read mode at the acknowledge (ACK) or not acknowledge
(NACK) bit after the rising edge of the SCL signal. Interrupts that occur during the ACK or NACK
clock pulse can be lost (or be very short) due to the resetting of the interrupt during this pulse. Any
change of the I/Os after resetting is detected and is transmitted as INT.
A pin configured as an output cannot cause an interrupt. Changing an I/O from an output to an
input may cause a false interrupt to occur, if the state of the pin does not match the contents of the
Input Port register.
7. Bus transactions
The PCA9535 is an I²C-bus slave device. Data is exchanged between the master and PCA9535
through write and read commands using I²C-bus. The two communication lines are a serial data
line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a
pull-up resistor when connected to the output stages of a device. Data transfer may be initiated
only when the bus is not busy.
7.1. Writing to the port registers
Data is transmitted to the PCA9535 by sending the start condition, device address and setting the
read-write bit to a logic 0 (see Fig. 3). The command byte is sent after the address and determines
which register will receive the data following the command byte.
Eight registers within the PCA9535 are configured to operate as four register pairs. The four pairs
are input port, output port, polarity inversion, configuration registers. After sending data to one
register, the next data byte is sent to the other register in the pair (see Fig. 6 and Fig. 7). For
example, if the first byte is sent to output port 1 (register 3), the next byte is stored in output port 0
(register 2).
There is no limitation on the number of data bytes sent in one write transmission. In this way, the
host can continuously update a register pair independently of the other registers, or the host can
simply update a single register.
PCA9535
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 25 April 2023
8 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com