Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PCA9535
Description  Low-voltage 16-bit I²C and SMBus low-power I/O expander
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCA9535 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PCA9535 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Nexperia
PCA9535
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration
registers
Table 3. Command byte
Pointer register bits
B7 B6 B5 B4 B3 B2 B1 B0
Command byte
(hexadecimal)
Register
Protocol
Power-up
default
0
0
0
0
0
0
0
0
00h
Input port 0
read byte
xxxx xxxx [1]
0
0
0
0
0
0
0
1
01h
Input port 1
read byte
xxxx xxxx
0
0
0
0
0
0
1
0
02h
Output port 0
read/write byte 1111 1111
0
0
0
0
0
0
1
1
03h
Output port 1
read/write byte 1111 1111
0
0
0
0
0
1
0
0
04h
Polarity Inversion port 0
read/write byte 0000 0000
0
0
0
0
0
1
0
1
05h
Polarity Inversion port 1
read/write byte 0000 0000
0
0
0
0
0
1
1
0
06h
Configuration port 0
read/write byte 1111 1111
0
0
0
0
0
1
1
1
07h
Configuration port 1
read/write byte 1111 1111
[1] The default value ‘X’ is determined by the externally applied logic level.
6.2.2. Input port register pair (00h, 01h)
The Input port registers (registers 0 and 1) define the incoming logic levels of the pins, regardless
of whether the pin is defined as an input or an output by the Configuration register. The Input port
registers are read only; writes to these registers have no effect. The default value ‘X’ is determined
by the externally applied logic level. An Input port register read operation is performed as described
in Section 7.2.
Table 4. Input port 0 register (address 00h)
Bit
7
6
5
4
3
2
1
0
Symbol
I0.7
I0.6
I0.5
I0.4
I0.3
I0.2
I0.1
I0.0
Default
X
X
X
X
X
X
X
X
Table 5. Input port 1 register (address 01h)
Bit
7
6
5
4
3
2
1
0
Symbol
I1.7
I1.6
I1.5
I1.4
I1.3
I1.2
I1.1
I1.0
Default
X
X
X
X
X
X
X
X
6.2.3. Output port register pair (02h, 03h)
The Output port registers (registers 2 and 3) define the outgoing logic levels of the pins defined as
outputs by the Configuration register. Bit values in these registers have no effect on pins defined
as inputs. In turn, reads from these registers reflect the value that was written to these registers,
not the actual pin value. A register pair write is described in Section 7.1 and a register pair read is
described in Section 7.2.
Table 6. Output port 0 register (address 02h)
Bit
7
6
5
4
3
2
1
0
Symbol
O0.7
O0.6
O0.5
O0.4
O0.3
O0.2
O0.1
O0.0
Default
1
1
1
1
1
1
1
1
Table 7. Output port 1 register (address 03h)
Bit
7
6
5
4
3
2
1
0
Symbol
O1.7
O1.6
O1.5
O1.4
O1.3
O1.2
O1.1
O1.0
Default
1
1
1
1
1
1
1
1
PCA9535
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 25 April 2023
5 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com