Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PCA9535
Description  Low-voltage 16-bit I²C and SMBus low-power I/O expander
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCA9535 Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PCA9535 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 14Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Nexperia
PCA9535
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers
1 0 0 A2 A1 A0 1 A
S 0
START condition
R/W
acknowledge
from slave
aaa-036333
A
SCL
SDA
A
read from port 0
P
9
8
7
6
5
4
3
2
1
I0.x
slave address
STOP condition
acknowledge
from master
A
I1.x
acknowledge
from master
A
I0.x
acknowledge
from master
1
I1.x
non acknowledge
from master
data into port 0
read from port 1
data into port 1
INT
6 5 4 3 2 1 0
7
6 5 4 3 2 1 0
7
6 5 4 3 2 1 0
7
6 5 4 3 2 1 0
7
INT
tv(INT)
trst(INT)
Remark: Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the latest acknowledge phase is valid (output mode). It is
assumed that the command byte has previously been set to ‘00h’ (read input port register).
This figure eliminates the command byte transfer and a restart between the initial slave address call and the actual data transfer from P port (see Fig. 8).
Fig. 9. Read input port register, scenario 1
PCA9535
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 25 April 2023
11 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com