Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PCA9535
Description  Low-voltage 16-bit I²C and SMBus low-power I/O expander
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCA9535 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PCA9535 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Nexperia
PCA9535
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration
registers
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
PCA9535PW
-40 °C to +85 °C
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
4. Block diagram
aaa-036375
8-bit
INPUT
FILTER
INPUT/
OUTPUT
PORTS
read pulse
write pulse
P1_0
P1_1
P1_2
P1_3
P1_4
P1_5
P1_6
P1_7
P0_0
P0_1
P0_2
P0_3
P0_4
P0_5
P0_6
P0_7
INT
8-bit
read pulse
write pulse
I²C-BUS/SMBus
CONTROL
A0
A1
A2
SCL
SDA
VCC
GND
PCA9535
LP
FILTER
POWER-ON
RESET
INPUT/
OUTPUT
PORTS
VCC
Remark: All I/Os are set to inputs at reset.
Fig. 1. Block diagram of PCA9535
PCA9535
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 25 April 2023
2 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com