Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PCA9535
Description  Low-voltage 16-bit I²C and SMBus low-power I/O expander
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCA9535 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PCA9535 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Nexperia
PCA9535
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration
registers
Symbol Pin
Type
Description
SCL
22
I
Serial clock bus. Connect to VCC through a pull-up resistor
SDA
23
I/O
Serial data bus. Connect to VCC through a pull-up resistor.
VCC
24
power Supply voltage.
[1] Pins P0_0 to P0_7 correspond to bits P0.0 to P0.7. At power-up, all I/O are configured as high-impedance inputs.
[2] Pins P1_0 to P1_7 correspond to bits P1.0 to P1.7. At power-up, all I/O are configured as high-impedance inputs.
6. Functional description
For the block diagram of the PCA9535 see Fig. 1.
6.1. Device address
R/W
002aaf819
0
1
0
0
A2 A1
fixed
slave address
hardware
selectable
A0
Fig. 3. PCA9535 device address
A2, A1 and A0 are the hardware address package pins and are held to either HIGH (logic 1)
or LOW (logic 0) to assign one of the eight possible slave addresses. The last bit of the slave
address (R/W) defines the operation (read or write) to be performed. A HIGH (logic 1) selects a
read operation, while a LOW (logic 0) selects a write operation.
6.2. Registers
6.2.1. Pointer register and command byte
Following the successful acknowledgement of the address byte, the bus master sends a command
byte, which is stored in the address pointer register of the PCA9535. The lower three bits of this
data byte state the operation (read or write) and the internal registers (Input, Output, Polarity
Inversion, or Configuration) that will be affected. This register is write only.
002aaf540
B7 B6 B5 B4 B3 B2 B1 B0
Fig. 4. Pointer register bits
PCA9535
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 25 April 2023
4 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com