Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PCA9535
Description  Low-voltage 16-bit I²C and SMBus low-power I/O expander
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCA9535 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PCA9535 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PCA9535 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Nexperia
PCA9535
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration
registers
7.2. Reading the port registers
In order to read data from the PCA9535, the bus master must first send the PCA9535 start
condition, device address with the read-write bit set to a logic 0 (see Fig. 3). The command byte is
sent after the address and determines which register will be accessed. After a start or restart, the
device address is sent again, but this time the least significant bit is set to a logic 1. Data from the
register defined by the command byte is sent by the PCA9535 (see Fig. 8, Fig. 9 and Fig. 10). Data
is clocked into the register on the rising edge of the acknowledge clock pulse. After the first byte is
read, additional bytes may be read but the data now reflects the information in the other register in
the pair. For example, if Input Port 1 is read, the next byte read is Input Port 0. There is no limit on
the number of data bytes received in one read transmission, but on the final byte received the bus
master must not acknowledge the data.
After a subsequent start or restart, the command byte contains the value of the next register to be
read in the pair. For example, if Input Port 1 was read last before the restart, the register that is
read after the restart is the Input Port 0.
A
S
START condition
R/W
acknowledge
from slave
aaa-035815
A
acknowledge
from slave
SDA
A
P
acknowledge
from master
DATA (first byte)
slave address
STOP
condition
S
(repeated)
START condition
(cont.)
(cont.)
1 0 0 A2 A1 A0 1 A
0
R/W
acknowledge
from slave
slave address
at this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
NA
no acknowledge
from master
1 0 0 A2 A1 A0
0
0
data from lower or
upper byte of register
LSB
MSB
DATA (last byte)
data from upper or
lower byte of register
LSB
MSB
0 0 0 0 0/1 0/1 0/1
0
command byte
Remark: Transfer can be stopped at any time by a STOP condition.
Fig. 8. Read from register
PCA9535
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 25 April 2023
10 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com