Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 12 Page - Wiha Tools

Part # 76501
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 12 Page - Wiha Tools

Back Button 76501 Datasheet HTML 8Page - Wiha Tools 76501 Datasheet HTML 9Page - Wiha Tools 76501 Datasheet HTML 10Page - Wiha Tools 76501 Datasheet HTML 11Page - Wiha Tools 76501 Datasheet HTML 12Page - Wiha Tools 76501 Datasheet HTML 13Page - Wiha Tools 76501 Datasheet HTML 14Page - Wiha Tools 76501 Datasheet HTML 15Page - Wiha Tools 76501 Datasheet HTML 16Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
12
Insert Bit Packs, 1
”
CVM S2 modified tool steel
Item
No.
Size
mm
lbs.
71631
IP3
25
.03
71632
IP4
25
.03
71633
IP5
25
.03
71634
IP6
25
.03
71635
IP7
25
.03
71636
IP8
25
.03
71637
IP9
25
.03
71638
IP10 25
.03
71639
IP15 25
.03
71641
IP20 25
.03
71642
IP25 25
.03
71643
IP27 25
.03
71644
IP30 25
.03
71645
IP40 25
.04
Wiha
Insert Bits and Power Bits
Insert Bits, 1/4” Hex, 1” OAL
Item
No.
Size
mm
pkg. lbs.
71603
IP3
25
10
.12
71604
IP4
25
10
.12
71605
IP5
25
10
.12
71606
IP6
25
10
.12
71607
IP7
25
10
.12
71608
IP8
25
10
.12
71609
IP9
25
10
.12
71610
IP10 25
10
.12
71615
IP15 25
10
.12
71620
IP20 25
10
.12
71625
IP25 25
10
.12
71627
IP27 25
10
.13
71630
IP30 25
10
.13
71640
IP40 25
10
.15
Highly resistant
to wear and
tear for a
long tool life
Suitable for all applications
for both manual and
machine Hardness
HRC 59-61
Impact resistant modified
chrome-vanadium-molybdenum,
tool steel, hardened
Made in Germany -
Production Quality
Power Bit Packs, 2
”
Item
No.
Size
mm
lbs.
74611
IP1
50
.05
74613
IP2
50
.05
74614
IP3
50
.05
74617
IP4
50
.05
74659
IP5
50
.05
74660
IP6
50
.05
74661
IP7
50
.05
74662
IP8
50
.05
74663
IP9
50
.05
74664
IP10
50
.05
74665
IP15
50
.05
74666
IP20
50
.06
74667
IP25
50
.06
74668
IP27
50
.06
74669
IP30
50
.06
74670
IP40
50
.06
Power Bits, 1/4” Hex, 2” OAL
Item
No.
Size
mm
pkg.
lbs.
74601
IP5
50
10
.18
74602
IP6
50
10
.18
74603
IP7
50
10
.18
74604
IP8
50
10
.18
74608
IP9
50
10
.18
74612
IP10
50
10
.20
74616
IP15
50
10
.20
74620
IP20
50
10
.20
74624
IP25
50
10
.20
74628
IP27
50
10
.25
74632
IP30
50
10
.25
74636
IP40
50
10
.25
2 bit
pack
2 bit
pack
Security
Bit-Selector With
Bits
Set Includes Magnetic 1/4” Bit Holder
& The Following 10 Bits:
: IP7, IP8, IP9,
lbs.
IP10, IP15, IP20, IP25
.31
IP27, IP30, IP40
Bit-Selector With
Bits
Set Includes Magnetic 1/4” Bit Holder
& The Following 10 Bits:
: IP3, IP4,
lbs.
IP5, IP6, IP7, IP8, IP9,
.31
IP10, IP15, IP20
Power Bit Belt Pack With
Bits Includes The Following 10 Bits:
: IP6, IP7,
lbs.
IP8, IP9, IP10, IP15,
.28
IP20, IP25, IP27, IP30
Wiha
Insert
Bit Selectors
716
746
716
746
71690
71692
74982
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com