Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 38 Page - Wiha Tools

Part # 76501
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 38 Page - Wiha Tools

Back Button 76501 Datasheet HTML 34Page - Wiha Tools 76501 Datasheet HTML 35Page - Wiha Tools 76501 Datasheet HTML 36Page - Wiha Tools 76501 Datasheet HTML 37Page - Wiha Tools 76501 Datasheet HTML 38Page - Wiha Tools 76501 Datasheet HTML 39Page - Wiha Tools 76501 Datasheet HTML 40Page - Wiha Tools 76501 Datasheet HTML 41Page - Wiha Tools 76501 Datasheet HTML 42Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
38
SYS 4 Slotted, Phillips, Hex Inch
Compact ESD Precision Interchangeable
Bit Set, 16 Pcs. Wiha precision handle,
bit extension & 14 interchangeable bits.
Item No. Combination Bit Set
75094
Set with ESD Safe Precision Handle
Slotted: 1.5, 2.0, 2.5, 3.0mm
Phillips: 00, 0, 1
Hex Inch: .035, .050, 1/16, 5/64,
lbs.
3/32, 7/64, 1/8”
.17
100mm Bit Extension
75094
SYSTEM 4 Slotted, Phillips,
Compact ESD Precision Interchangeable
Bit Set, 16 Pcs. Wiha precision handle,
bit extension & 14 interchangeable bits.
Item No. Combination Bit Set
75093
Set with ESD Safe Precision Handle
Slotted: 1.5, 2.0, 2.5, 3.0mm
Phillips: 00, 0, 1
lbs.
: T6, T7, T8, T9, T10, T15, T20
.17
100mm Bit Extension
75093
SYS 4 Slotted, Phillips, Hex Metric
Compact ESD Precision Interchangeable
Bit Set, 16 Pcs. Wiha precision handle,
bit extension & 14 interchangeable bits.
Item No. Combination Bit Set
75095
Set with ESD Safe Precision Handle
Slotted: 1.5, 2.0, 2.5, 3.0mm
Phillips: 00, 0, 1
Hex Metric: .9, 1.3, 1.5, 2.0,
lbs.
2.5, 3.0, 4.0mm
.17
100mm Bit Extension
75095
Bits hardened for
extreme durability
Handle tapered for
precise control
Light weight &
compact
Technician’s MicroBit Sets
• Micro Precision Bits on 4mm Hex Drive
• Bits of Exclusive CRM-72 Tool Steel
• Handle uses non-magnetic ball retainer
• Use bits in extension only
• Standard extension adds 4” to length
• Non-magnetic bit extension
Rotation cap
Surface resistance of
handles is 10
6 - 109 Ohms
SYSTEM 4 Hex Inch & Metric
Compact ESD Precision Interchangeable
Bit Set, 16 Pcs. Wiha precision handle,
bit extension & 14 interchangeable bits.
Item No. Combination Bit Set
75096
Set with ESD Safe Precision Handle
Hex Inch: 1/16, 5/64, 3/32,
7/64, 1/8, 9/64, 5/32”
Hex Metric: .9, 1.3, 1.5, 2.0,
lbs.
2.5, 3.0, 4.0mm
.17
100mm Bit Extension
75096
D
SYSTEM 4 Master Tech ESD &
Ratchet With Micro Bits, 65 Pieces In
Storage Box. Includes Wiha precision ESD
Safe handle, micro bit extension, 72 tooth 1/4”
ratchet & 62 interchangeable micro bits.
Item
Includes the following micro bits:
No.
Slotted: 0.8, 1.2, 1.5, 1.8, 2.0, 2.5,
75965 3.0, 3.5, 4.0mm
Phillips: 000, 00, 0, 1
lbs.
: T3, T4, T5, T6, T7, T8,
1.16
T9, T10, T15, T20
Hex Metric: .7, .9, 1.3, 1.5, 2.0,
2.5, 3.0, 4.0mm
Hex Inch: .050, 1/16, 5/64,
3/32, 7/64, 1/8, 9/64, 5/32”
Nut Drivers Metric: 2.0, 2.5, 3.0,
3.5, 4.0, 4.5, 5.0, 5.5mm
Nut Drivers Inch: 5/64, 3/32,
7/64, 1/8, 9/64, 5/32, 3/16, 7/32”
Pentalobe: PL1, PL2, PL3, PL4, PL5, PL6
Magnetic 1/4” to 4mm Adapter
75965
D
Wiha Master Tech
Micro Bit Sets
SYS 4 Slotted, Phillips & 5Point
Compact ESD Precision Interchangeable
Bit Set, 16 Pcs. Wiha precision handle,
bit extension & 14 interchangeable bits.
Item No. Combination Bit Set
75097
Set with ESD Safe Precision Handle
Slotted: 1.2, 1.5, 2.0, 2.5, 3.0mm
Phillips: 000, 00, 0, 1, 2
lbs.
Pentalobe: PL1, PL2, PL3, PL4
.17
100mm Bit Extension
75097
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com