Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 34 Page - Wiha Tools

Part # 76501
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 34 Page - Wiha Tools

Back Button 76501 Datasheet HTML 30Page - Wiha Tools 76501 Datasheet HTML 31Page - Wiha Tools 76501 Datasheet HTML 32Page - Wiha Tools 76501 Datasheet HTML 33Page - Wiha Tools 76501 Datasheet HTML 34Page - Wiha Tools 76501 Datasheet HTML 35Page - Wiha Tools 76501 Datasheet HTML 36Page - Wiha Tools 76501 Datasheet HTML 37Page - Wiha Tools 76501 Datasheet HTML 38Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
34
Wiha SYSTEM 4 Micro Bits - 10 Bit Packs
SYSTEM 4 Metric Nut Setters
Item No.
Metric
mm
mm
Inch
lbs.
75652
2.0
30
1.2
.07
75653
2.5
30
1.2
.07
75654
3.0
30
1.2
.07
75655
3.5
30
1.2
.07
75656
4.0
30
1.2
.08
75657
4.5
30
1.2
.08
75658
5.0
30
1.2
.08
75659
5.5
30
1.2
.09
756
SYSTEM 4 Pentalobe Micro Bits
Item
No.
Size mm
Inch lbs.
75672
PL1 28
1.1
.06
75673
PL2 28
1.1
.06
75674
PL3 28
1.1
.07
75675
PL4 28
1.1
.07
75676
PL5 28
1.1
.07
75677
PL6 28
1.1
.08
756
SYSTEM 4 Inch Nut Setters
Item No.
Inch
mm
mm
Inch
lbs.
75644
5/64
30
1.2
.07
75645
3/32
30
1.2
.07
75646
7/64
30
1.2
.07
75647
1/8
30
1.2
.07
75648
9/64
30
1.2
.08
75649
5/32
30
1.2
.08
75650
3/16
30
1.2
.08
75651
7/32
30
1.2
.09
756
10 Bit Pack
Use bits directly in handle or
with 4” bit extension
Bits High alloy
CVM steel,
hardened
Tips Exact fit,
precision machined
Micro Bits Made in Germany
SYSTEM 4 Slotted Micro Bits
Item
No.
mm mm
Inch
lbs.
75602
0.8
28
1.1
.06
75603
1.2
28
1.1
.06
75604
1.5
28
1.1
.06
75605
1.8
28
1.1
.06
75606
2.0
28
1.1
.07
75607
2.5
28
1.1
.07
75608
3.0
28
1.1
.07
75609
3.5
28
1.1
.07
75610
4.0
28
1.1
.08
756
10 Bit Pack
10 Bit Pack
SYSTEM 4 Phillips Micro Bits
Item
No.
Size mm
Inch lbs.
75611
000
28
1.1
.06
75612
00
28
1.1
.06
75613
0
28
1.1
.06
75614
1
28
1.1
.07
75615
2
28
1.1
.07
756
SYSTEM 4 Hex Metric Micro Bits
Item
No.
mm
mm
Inch
lbs.
75616
.7
28
1.1
.06
75617
.9
28
1.1
.06
75618
1.3
28
1.1
.06
75619
1.5
28
1.1
.07
75620
2.0
28
1.1
.07
75621
2.5
28
1.1
.07
75622
3.0
28
1.1
.08
75623
4.0
28
1.1
.08
756
SYSTEM 4 Hex Inch Micro Bits
Item
No.
Inch
mm
Inch lbs.
75628
.028
28
1.1
.06
75629
.035
28
1.1
.06
75630
.050
28
1.1
.06
75631
1/16
28
1.1
.06
75632
5/64
28
1.1
.06
75633
3/32
28
1.1
.07
75634
7/64
28
1.1
.07
75635
1/8
28
1.1
.07
75636
9/64
28
1.1
.08
75637
5/32
28
1.1
.08
756
10 Bit Pack
10 Bit Pack
SYSTEM 4 Security
Micro Bits
Item
No.
Size
mm
Inch
lbs.
75678
T7s
28
1.1
.06
75679
T8s
28
1.1
.06
75680
T9s
28
1.1
.06
75681
T10s
28
1.1
.07
75682
T15s
28
1.1
.07
75683
T20s
28
1.1
.08
756
SYS 4 Metric Security Hex Micro Bits
Item
No.
mm
mm
Inch
lbs.
75624
2.0
28
1.1
.06
75625
2.5
28
1.1
.07
75626
3.0
28
1.1
.07
75627
4.0
28
1.1
.08
756
SYS 4 Security Hex Inch Micro Bits
Item
No.
Inch
mm Inch
lbs.
75638
5/64
28
1.1
.06
75639
3/32
28
1.1
.06
75640
7/64
28
1.1
.07
75641
1/8
28
1.1
.07
75642
9/64
28
1.1
.08
75643
5/32
28
1.1
.08
756
10 Bit Pack
10 Bit Pack
10 Bit Pack
10 Bit Pack
SYSTEM 4
Micro Bits
Item
No.
Size
mm Inch
lbs.
75660
T1
28
1.1
.06
75661
T2
28
1.1
.06
75662
T3
28
1.1
.06
75663
T4
28
1.1
.06
75664
T5
28
1.1
.06
75665
T6
28
1.1
.06
75666
T7
28
1.1
.06
75667
T8
28
1.1
.07
75668
T9
28
1.1
.07
75669
T10
28
1.1
.07
75670
T15
28
1.1
.08
75671
T20
28
1.1
.08
756
CVM steel, hardened,
on 4 mm hex stock.
10 Bit Pack
10 Bit Pack
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com