Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 47 Page - Wiha Tools

Part # 76501
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 47 Page - Wiha Tools

Back Button 76501 Datasheet HTML 43Page - Wiha Tools 76501 Datasheet HTML 44Page - Wiha Tools 76501 Datasheet HTML 45Page - Wiha Tools 76501 Datasheet HTML 46Page - Wiha Tools 76501 Datasheet HTML 47Page - Wiha Tools 76501 Datasheet HTML 48Page - Wiha Tools 76501 Datasheet HTML 49Page - Wiha Tools 76501 Datasheet HTML 50Page - Wiha Tools 76501 Datasheet HTML 51Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
47
Wiha Socket Sets On Molded Rails
10 Piece Hex Inch Socket Set
1/4” Square drive replaceable bit socket.
Bits CVM tool steel. OAL 1.5”
Item
No.
lbs.
Set includes the following:
71391
.48
1/16, 5/64, 3/32, 7/64, 1/8
9/64, 5/32, 3/16, 7/32, 1/4”
71391
9 Piece Hex Metric Socket Set
1/4” & 3/8” Square Drive Replaceable Bit
Socket. 1/4” Bits CVM tool steel. OAL 1.65”
Item No.
71996
lbs.
Set includes the following:
.66 1/4”: 1.5, 2.0, 2.5, 3.0, 4.0mm
3/8”: 5.0, 6.0, 8.0, 10.0mm
71996
5 Piece Hex Metric Socket Set
3/8” Square Drive Replaceable Bit Socket.
1/4” Bits CVM tool steel.
Item No.
71394
lbs.
Set includes the following:
.56 Hex Metric: 4.0, 5.0, 6.0,
8.0, 10.0mm
71394
9 Pc. Security Hex Inch Socket Set
3/8” Square Drive Replaceable Bit Socket.
1/4” Bits CVM tool steel.
Item No.
71999
lbs.
Set includes the following:
.86 Inch: 5/64, 3/32, 7/64, 1/8,
9/64, 5/32, 3/16, 7/32, 1/4”
71999
8 Pc. Ball End Hex Inch Socket Set
1/4” Square Drive Replaceable Bit Socket.
1/4” Bits CVM tool steel.
Item No.
7
1798
lbs.
Set includes the following:
.80
3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4
”
71
798
7 Pc. Ball End Hex Metric Socket Set
1/4” Square Drive Replaceable Bit Socket.
1/4” Bits CVM tool steel.
Item No.
71
797
lbs.
Set includes the following:
.72
Hex Metric: 1.5, 2.0, 2.5, 3.0,
4.0, 5.0, 6.0
mm
71
797
7 Pc. Ball End Hex Inch Socket Set
1/4” Square Drive Replaceable Bit Socket.
1/4” Bits CVM tool steel.
Item No.
7
1398
lbs.
Set Includes: 3/32, 1/8,
.48
9/64, 5/32, 3/16, 7/32, 1/4
”
71
398
5 Piece Hex Inch Socket Set
3/8” Square Drive Replaceable Bit Socket.
1/4” Bits CVM tool steel.
Item No.
7139
3
lbs.
Set includes the following:
.54
Hex Inch:
1/8, 3/16, 1/4,
5/16, 3/8”
7139
3
8 Piece Hex Inch Socket Set
3/8” Square Drive Replaceable Bit Socket.
1/4” Bits CVM tool steel. OAL 1.65”
Item No.
71392
lbs.
Set includes the following:
.78 1/8, 9/64, 5/32, 3/16,
7/32, 1/4, 5/16, 3/8”
71392
7 Pc. Security Hex Metric Socket
Set 3/8” Square Drive Replaceable Bit
Socket. 1/4” Bits CVM tool steel.
Item No.
71989
lbs.
Set includes the following:
.72
Metric: 2.0, 2.5, 3.0, 4.0,
5.0, 6.0, 8.0mm
71989
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com