Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 6 Page - Wiha Tools

Part # 76501
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 6 Page - Wiha Tools

Back Button 76501 Datasheet HTML 2Page - Wiha Tools 76501 Datasheet HTML 3Page - Wiha Tools 76501 Datasheet HTML 4Page - Wiha Tools 76501 Datasheet HTML 5Page - Wiha Tools 76501 Datasheet HTML 6Page - Wiha Tools 76501 Datasheet HTML 7Page - Wiha Tools 76501 Datasheet HTML 8Page - Wiha Tools 76501 Datasheet HTML 9Page - Wiha Tools 76501 Datasheet HTML 10Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
Bits, 1/4”
Item
No.
Size mm
pkg. lbs.
71523
T3
25
10
.12
71524
T4
25
10
.12
71505
T5
25
10
.12
71506
T6
25
10
.12
71507
T7
25
10
.12
71508
T8
25
10
.12
71509
T9
25
10
.12
71510
T10 25
10
.12
71515
T15 25
10
.12
71520
T20 25
10
.12
71525
T25 25
10
.12
71527
T27 25
10
.13
71530
T30 25
10
.14
71540
T40 25
10
.15
Bits
The ideal multi-purpose bits for all
around quality and performance
Made in Germany - Production Quality
Highly resistant to wear and
tear for a long tool life
Suitable for all applications
for both manual and machine
Hardness HRC 59-61
Impact resistant modified CVM,
tool steel, hardened
Bits, 5/16”
Item
No.
Size
mm
pkg. lbs.
72525
T25
35
10
.27
72527
T27
35
10
.27
72530
T30
35
10
.27
72540
T40
35
10
.28
72545
T45
35
10
.31
72550
T50
35
10
.32
72555
T55
35
10
.52
5/16”
Insert Bit Packs, 30 Pcs., 1/4
”
Item
No.
Size
mm
lbs.
72572
T7
25
.36
72573
T8
25
.36
72574
T9
25
.36
72575
T10
25
.36
72576
T15
25
.36
72577
T20
25
.36
72578
T25
25
.36
72579
T27
25
.36
72580
T30
25
.36
72581
T40
25
.36
30 Piece Contractor Grade Bits
Insert Bit Packs, 1
” CVM S2
modified tool steel.
Item
No.
Size mm lbs.
71548
T3
25
.03
71549
T4
25
.03
71550
T5
25
.03
71551
T6
25
.03
71552
T7
25
.03
71553
T8
25
.03
71554
T9
25
.03
71555
T10
25
.03
71556
T15
25
.03
71557
T20
25
.03
71558
T25
25
.03
71559
T27
25
.04
71560
T30
25
.04
71561
T40
25
.04
Insert Bit Packs, 5/16”
CVM S2 modified tool steel
Item
No.
Size
mm
lbs.
72531
T30
35
.28
72541
T40
35
.28
72546
T45
35
.31
72551
T50
35
.32
72556
T55
35
.52
Wiha
Bit Packs
Torx® Insert Bit Packs, 1
” CVM S2
modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 6 pc bit pack.
71570 Set includes the following bits:
Torx®:
T5, T6, T7, T8, T9,
wt. .07 T10 x 1” (25mm)
Torx® Insert Bit Packs, 1
” CVM S2
modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 6 pc. bit pack.
71571
Set includes the following bits:
Torx®:
T15, T20, T25, T27,
wt. .08
T30, T40 x 1” (25mm)
5/16”
Insert Bits
2 bit
pack
2 bit
pack
715
725
725
715
71571
725
71570
Wiha
Insert Bit
Wiha
Bit Packs
Wiha
5/16” Bits
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com