Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 19 Page - Wiha Tools

Part # 76501
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 19 Page - Wiha Tools

Back Button 76501 Datasheet HTML 15Page - Wiha Tools 76501 Datasheet HTML 16Page - Wiha Tools 76501 Datasheet HTML 17Page - Wiha Tools 76501 Datasheet HTML 18Page - Wiha Tools 76501 Datasheet HTML 19Page - Wiha Tools 76501 Datasheet HTML 20Page - Wiha Tools 76501 Datasheet HTML 21Page - Wiha Tools 76501 Datasheet HTML 22Page - Wiha Tools 76501 Datasheet HTML 23Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19
MagicRing Metric Insert Bits, 1/4”
Item
No.
mm
mm
pkg. lbs.
71304
3.0
25
1
.01
71307
4.0
25
1
.01
71310
5.0
25
1
.01
71311
6.0
25
1
.01
713
MagicRing Inch Insert Bits, 1/4”
Item
No.
Inch
mm
pkg. lbs.
71343
1/8
25
1
.01
71346
9/64
25
1
.01
71349
5/32
25
1
.01
71352
3/16
25
1
.01
71354
7/32
25
1
.01
71358
1/4
25
1
.01
713
MagicRing Insert & Power Bits
Screw Holding
Hex Bits
MagicRing Inch Power Bits, 1/4”
Item
No.
Inch
mm
pkg. lbs.
74369
1/8
50
1
.02
74371
9/64
50
1
.02
74373
5/32
50
1
.02
74375
3/16
50
1
.03
74377
7/32
50
1
.03
74379
1/4
50
1
.03
743
MagicRing Metric Power Bits, 1/4”
Item
No.
mm
mm
pkg. lbs.
74301
3.0
50
1
.02
74305
4.0
50
1
.02
74307
5.0
50
1
.03
74319
6.0
50
1
.03
743
Wiha Ball End Hex Inch Insert Bits
Ball End Hex Inch Insert Bits, 1/4”
Item
No.
Inch
mm
pkg. lbs.
71701
3/32
25
10
.12
71702
7/64
25
10
.12
71703
1/8
25
10
.12
71704
9/64
25
10
.12
71705
5/32
25
10
.12
71706
3/16
25
10
.13
71707
7/32
25
10
.14
71708
1/4
25
10
.15
717
Ball End Hex Inch Insert Bit Packs, 1
”
Item
No.
Inch
mm
lbs.
71711
3/32
25
.03
71712
7/64
25
.03
71713
1/8
25
.03
71714
9/64
25
.03
71715
5/32
25
.04
71716
3/16
25
.04
71717
7/32
25
.04
71718
1/4
25
.04
717
2 bit
pack
Ball End Hex Metric Insert Bits
Ball End Hex Metric Insert Bits
1/4” Hex Drive, Length 1.5”/38mm
Item
No.
mm
mm pkg.
71719
1.5
38
2
71720
2.0
38
2
71721
2.5
38
2
71722
3.0
38
2
71723
4.0
38
2
71724
5.0
38
2
71725
6.0
38
2
717
2 pc. bit pack!
Spring steel
retaining ring
MagicRing Inch Power Ball End Bits
Item
No.
Inch
mm
pkg. lbs.
71726
1/8
50
1
.02
71728
9/64
50
1
.02
71732
5/32
50
1
.02
71734
3/16
50
1
.03
71736
7/32
50
1
.03
71738
1/4
50
1
.03
717
MagicRing Metric Power Ball End Bits
Item
No.
mm
mm
pkg. lbs.
71730
3.0
50
1
.02
71740
4.0
50
1
.02
71750
5.0
50
1
.03
71760
6.0
50
1
.03
717
1/4” Ball End MagicRing Bits
Screw Holding
Hex Bits
Spring
steel
retaining
ring
Screw Holding Hex Bits
Screw Holding Hex Bits
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com