Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 14 Page - Wiha Tools

Part # 76501
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 14 Page - Wiha Tools

Back Button 76501 Datasheet HTML 10Page - Wiha Tools 76501 Datasheet HTML 11Page - Wiha Tools 76501 Datasheet HTML 12Page - Wiha Tools 76501 Datasheet HTML 13Page - Wiha Tools 76501 Datasheet HTML 14Page - Wiha Tools 76501 Datasheet HTML 15Page - Wiha Tools 76501 Datasheet HTML 16Page - Wiha Tools 76501 Datasheet HTML 17Page - Wiha Tools 76501 Datasheet HTML 18Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
14
Phillips Insert Bits, 1/4”
Item
No.
Size mm
pkg. lbs.
71100
0
25
10
.10
71101
1
25
10
.11
71102
2
25
10
.11
71103
3
25
10
.11
Phillips Insert Bit Bulk Packs, 1/4”
No.
Size mm pkg.
lbs.
71125
2
25
25 pc
.29
71150
2
25
50 pc
.60
71199
2
25
100 pc 1.16
Phillips Insert Bit Packs, 1
”
CVM S2 modified tool steel
Item
No.
Size mm
lbs.
71149
0
25
.03
71151
1
25
.03
71152
2
25
.03
71153
3
25
.04
Phillips Bits
The ideal multi-purpose bits for all
around quality & performance
Made in Germany -
Production Quality
Highly resistant
to wear and
tear for a long
tool life
Suitable for all
applications
for both manual
and machine
Hardness
HRC 59-61
Impact resistant
modified CVM, tool
steel, hardened
Wiha Phillips Insert Bits
2 bit
pack
Phillips
High grade CVM steel, hardened torsion zone to prevent uneven
torque distribution DIN 3126 ISO 1173 with anti-camout ribs
Phillips Insert Bit Packs, 1
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
71154
Set includes the following bits:
Phillips:
wt. .04
1, 2, 3 x 1” (25mm)
Phillips Insert Bit Packs, 1
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 6 pc. bit pack.
71155
Set includes the following bits:
Phillips:
wt. .08
6 pieces 2 x 1” (25mm)
Slotted/Phillips Insert Bit Packs, 1
”
CVM S2 modified tool steel. Extra hard with
natural finish, exact fit machined tips. 6 pc. bit pk.
71056
Set includes the following bits:
Slotted:
4.5, 5.5, 6.5 x 1” (25mm)
Phillips:
lbs.
1, 2, 3 x 1” (25mm)
.08
Wiha Phillips Insert Bit Packs
711
71056
711
711
71155
71154
71198
PokitPak - Slotted & Phillips Insert
Bits In Molded Case -
Set Includes 6 - 1/4” Insert Bits &
lbs.
Magnetic Bit Holder
.16
Slotted: 4.5, 6.0mm
Phillips: 0, 1, 2, 3
Wiha Insert Bit Sets
Phillips Insert Contractor Grade, 1/4”
No.
Size mm pkg.
lbs.
72519
0
25
30 pc
.85
72521
1
25
30 pc
.85
72522
2
25
30 pc
.85
72523
3
25
30 pc
.85
725
Phillips Drywall Stop Bit
High grade Chrome-vanadium steel, through
hardened. Ideal bit for drywall constructors.
Blue ring prevents the screw from being
recessed too deeply into the plasterboard.
Item
No.
Size
mm
lbs.
Pkg.
71132
2
25
.20
10
71132
10 bit pack
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com