Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 23 Page - Wiha Tools

Part # 76501
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 23 Page - Wiha Tools

Back Button 76501 Datasheet HTML 19Page - Wiha Tools 76501 Datasheet HTML 20Page - Wiha Tools 76501 Datasheet HTML 21Page - Wiha Tools 76501 Datasheet HTML 22Page - Wiha Tools 76501 Datasheet HTML 23Page - Wiha Tools 76501 Datasheet HTML 24Page - Wiha Tools 76501 Datasheet HTML 25Page - Wiha Tools 76501 Datasheet HTML 26Page - Wiha Tools 76501 Datasheet HTML 27Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
23
Slotted Power Bits. 1/4” Hex Drive,
Length 2.0”/50mm 10pk. weight .20 lbs.
Item
No.
mm Inch mm Inch pkg.
74003
3.0 .118 0.5 .020 10
74006
3.5 .139 0.6 .024 10
74009
4.0 .157 0.5 .020 10
74010
4.0 .157 0.8 .030 10
74012
4.5 .177 0.6 .024 10
74015
5.5 .216 0.8 .032 10
74018
6.5 .255 1.2 .039 10
74021
8.0 .315 1.2 .039 10
74023
8.0 .315 1.6 .063 10
740
743 Slotted and Phillips Double End Bits,
1/4” Hex Drive, Length 2.36”/60mm
Item
No.
mm
Size mm pkg. lbs.
74303
4.5 x 1 60
10
.22
74306
5.5 x 2 60
10
.30
74309
7.0 x 3 60
10
.32
Slotted Insert Bits. 5/16” Hex Drive,
Length 41mm
Item
No.
mm Inch mm pkg. lbs.
72048
6.5
.255 1.2
10
.27
72049
8.0
.315 1.6
10
.31
72050
10.0 .393 1.6
10
.46
72051
12.0 .472 2.0
10
.56
720
Slotted Insert Bit Packs, 1
” CVM S2
modified tool steel.
Item
No.
mm mm Inch mm lbs.
71051
0.6 4.5 .177 25
.03
71052
0.8 5.5 .216 25
.03
71053
1.2 6.5 .255 25
.03
71054
1.6 8.0 .315 25
.03
710
Slotted Insert Bit Packs, 1
”
CVM S2 modified tool steel. 5/16” Hex Drive.
Item
No.
mm mm Inch mm lbs.
72025
1.2 6.5 .255 41 .06
72031
1.6 8.0 .315 41 .08
72039
1.6 10.0 .393 41 .10
72047
2.0 12.0 .472 41 .12
720
Slotted Insert Bit Packs, 1
” CVM S2
modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
71055
Set includes the following bits:
Slotted:
wt. .04
5.5, 6.5, 8.0 x 1” (25mm)
71055
Slotted Power Bit Packs, 2
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
74050
Set includes the following bits:
Slotted:
wt. .08
4.5, 5.5, 6.5 x 2” (50mm)
74050
2 bit
pack
Slotted Power Bit Packs, 2
”
CVM S2 modified tool steel.
Item
No.
mm mm lbs.
74061
3.0 50 .05
74062
3.5 50 .05
74063
4.0 50 .05
74064
4.0 50 .05
74065
4.5 50 .05
74066
5.5 50 .05
74067
6.5 50 .06
74068
8.0 50 .08
74069
8.0 50 .08
740
Slotted Power Bits,
1/4” Hex Drive, Length 2.75”/70mm
Item
No.
mm Inch mm Inch pkg.
74033
2.5 .098 0.4 .015
1
74034
3.0 .118 0.5 .020
1
74035
3.5 .139 0.6 .024
1
74036
4.0 .157 0.8 .020
1
74039
5.5 .216 1.0 .032
1
74041
6.5 .255 1.2 .039
1
740
2 bit
pack
2 bit
pack
1/4” Stainless Steel Insert Bits
Stainless Steel Slotted Insert Bits,
1/4” Hex Drive, Length 25mm/.984”
Item
No.
mm Inch
mm Inch
pkg.
70130
4.5 .177 0.6 .024
1
70131
5.5 .216 0.8 .030
1
70132
6.5 .255 1.2 .039
1
70133
8.0 .315 1.6 .063
1
701
Wiha Slotted Insert & Power Bits
Slotted Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
mm
lbs.
pkg.
76035
2.5
.02
1
76036
3.0
.02
1
76037
4.5
.03
1
76038
5.5
.03
1
76039
6.0
.04
1
760
5 Piece Slotted Blade Set
Item
Set includes:
No.
lbs.
Slotted: 2.5, 3.0, 4.5,
76093
.16
5.5, 6.0mm x 90mm
76093
Wiha Slotted Power Blades
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com