Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 26 Page - Wiha Tools

Part # 76501
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 26 Page - Wiha Tools

Back Button 76501 Datasheet HTML 22Page - Wiha Tools 76501 Datasheet HTML 23Page - Wiha Tools 76501 Datasheet HTML 24Page - Wiha Tools 76501 Datasheet HTML 25Page - Wiha Tools 76501 Datasheet HTML 26Page - Wiha Tools 76501 Datasheet HTML 27Page - Wiha Tools 76501 Datasheet HTML 28Page - Wiha Tools 76501 Datasheet HTML 29Page - Wiha Tools 76501 Datasheet HTML 30Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
26
XZN Insert Bits
Suitable for all applications for
both manual and machine Hardness
HRC 59-61
Triple Square
XZN Insert Bits, 1/4”
Item
No.
Size mm
pkg. lbs.
70143
M3
25
2
.04
70144
M4
25
2
.04
70145
M5
25
2
.04
70146
M6
25
2
.04
70147
M8
25
2
.04
701
Impact resistant
modified CVM, tool
steel, hardened
Highly resistant to
wear and tear for
a long tool life
Specialty Bits
2 bit
pack
XZN Triple Square L-key
Item
No.
Size mm
pkg. lbs.
35510
M10 110
1
.01
35512
M12 124
1
.02
35514
M14 138
1
.04
35516
M16 156
1
.07
355
Spanner Insert Bits, 1/4”
Item
No.
Size
mm
pkg.
lbs.
71914
4
25
10
.11
71916
6
25
10
.12
71918
8
25
10
.12
71920
10
25
10
.12
719
Spanner Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Size mm
lbs.
71963
4
25
.03
71964
6
25
.03
71965
8
25
.04
71966
10
25
.04
719
Spanner Bits
2 bit
pack
Specialty
Bits
Highly resistant to wear &
tear for a long tool life
Suitable for all
applications for
both manual and machine
Hardness HRC 59-61
Spanner
HSS 1/4” Drive Countersinks
High quality HSS steel, ground with radial relief.
1/4” Hex shank according to DIN 3126 C 6.3.
Item
screw
No.
Size Inch mm Inch size pkg
78615
6.3 .26 35 1.38 M3 1
78617
8.3 .33 35 1.38 M4 1
78619
10.4 .41 35 1.38 M5 1
78621
12.4 .49 35 1.38 M6 1
78622
16.5 .65 35 1.38 M8 1
78624
20.5 .81 35 1.38 M10 1
786
1/4” Shank Stubby High Speed Drill Bits
DIN 3126 C 6.3.
Item
No.
Size
Inch
pkg lbs.
78002
1/16
1.26
1
.02
78005
3/32
1.41
1
.02
78008
1/8
1.57
1
.02
78011
5/32
1.73
1
.03
78015
3/16
1.97
1
.03
78018
1/4
1.97
1
.03
780
90O Countersink Bit - 1/4” Shank
1/4” Shank High Speed Drill Bits
Countersink & Drill Bits
High quality HSS steel, ground with radial relief.
Universal application in metal, plastic and wood.
Guarantees outstanding chip removal, chatter
free operation & smooth surface finish.
High Precision Tool Holder
For Countersinks & Drill Bits
CentroFix Bit Holder
Item
No.
Size Size mm Inch lbs.
71480
1/4”
1/4” 60
2.3
.09
71480
Quick release tool holder
for Drills, Countersinks &
Power bits
Spanner Power Blades
S2 modified tool steel. Blades fit CentroFix
power blade handle. OAL 90mm/3.5”.
Item
No.
Size
lbs.
pkg.
76022
6
.03
1
76023
8
.04
1
76024
10
.04
1
760
3 Piece Spanner Blade Set
Item
Set includes:
No.
lbs.
Spanner: #6, 8,
76089
.12
10 x 90mm
76089
Wiha Spanner Power Blades
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com