Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 24 Page - Wiha Tools

Part # 76501
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 24 Page - Wiha Tools

Back Button 76501 Datasheet HTML 20Page - Wiha Tools 76501 Datasheet HTML 21Page - Wiha Tools 76501 Datasheet HTML 22Page - Wiha Tools 76501 Datasheet HTML 23Page - Wiha Tools 76501 Datasheet HTML 24Page - Wiha Tools 76501 Datasheet HTML 25Page - Wiha Tools 76501 Datasheet HTML 26Page - Wiha Tools 76501 Datasheet HTML 27Page - Wiha Tools 76501 Datasheet HTML 28Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
24
Pozidriv® Insert Bits, 1/4”
Item
No.
Size mm
pkg. lbs.
71200
0
25
10
.10
71201
1
25
10
.10
71202
2
25
10
.10
71203
3
25
10
.10
712
Pozidriv® Power Bits. 1/4” Hex Drive,
Length 2.0”/50mm
Item
No.
Size mm
pkg. lbs.
74203
1
50
10
.24
74212
2
50
10
.25
74221
3
50
10
.26
742
Pozidriv® Power Bits. 1/4” Hex Drive,
Length 3.5”/90mm
Item
No.
Size mm
pkg.
lbs.
74207
1
90
10
.34
74216
2
90
10
.46
74225
3
90
10
.53
742
PoziDriv® Insert & Power Bits
Pozidriv® Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Size mm
lbs.
71250
0
25
.03
71251
1
25
.03
71252
2
25
.03
71253
3
25
.04
712
Pozidriv® Insert Bit Packs, 1
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
71254
Set includes the following bits:
Pozidriv®:
wt. .04
1, 2, 3 x 1” (25mm)
71254
Pozidriv® Power Bit Packs, 2
”
CVM S2 modified tool steel.
Item
No.
Size mm
lbs.
74261
1
50
.06
74262
2
50
.06
74263
3
50
.07
742
Pozidriv® Power Bits. 1/4” Hex Drive,
Length 2.75”/70mm
Item
No.
Size mm
pkg.
74201
0
70
1
74205
1
70
1
74214
2
70
1
742
2 bit
pack
2 bit
pack
Pozidriv®
The ideal multi-purpose
tools to meet production
requirements for both
quality and performance
Impact resistant
modified CVM, tool
steel, hardened
Wiha Stainless Steel
Pozidriv® Insert & Power Bits
Stainless Steel Pozidriv® Insert Bits, 1/4”
Item
No.
Size mm
pkg.
71241
1
25
1
71242
2
25
1
71243
3
25
1
712
Stainless Steel Pozidriv® Power Bits.
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm
pkg.
70407
1
50
1
70408
2
50
1
70410
3
50
1
704
Suitable for all
applications for both
manual and machine
Hardness HRC 59-61
Pozidriv® Bits
Pozidriv® Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
Size
lbs.
pkg.
76011
1
.03
1
76012
2
.04
1
76013
3
.04
1
760
3 Piece Pozidriv® Blade Set
Item
Set includes:
No.
lbs.
Pozidriv®: #1, 2,
76091
.12
3 x 90mm
76091
76000 CentroFix Cushion Grip Blade Holder
Wiha-SoftFinish® impact resistant, with roll off
protection. Ergonomic cushion grip handle.
Quick release bit holder with magnet.
Item
No.
mm mm Inch mm Inch lbs.
76000
6.0 149 5.9 34.6 1.36 .26
Wiha Pozidriv® Power Blades
Blade Holder For
90mm Power
Blades
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com