Electronic Components Datasheet Search
  English  ▼

X  

32C8B Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 32C8B
Description  RENESAS MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C8B Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 32C8B Datasheet HTML 36Page - Renesas Technology Corp 32C8B Datasheet HTML 37Page - Renesas Technology Corp 32C8B Datasheet HTML 38Page - Renesas Technology Corp 32C8B Datasheet HTML 39Page - Renesas Technology Corp 32C8B Datasheet HTML 40Page - Renesas Technology Corp 32C8B Datasheet HTML 41Page - Renesas Technology Corp 32C8B Datasheet HTML 42Page - Renesas Technology Corp 32C8B Datasheet HTML 43Page - Renesas Technology Corp 32C8B Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
M32C/8B Group
5. Electrical Characteristics
REJ03B0242-0050 Rev.0.50 Oct 31, 2008
Page 40 of 67
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 5.9
A/D Conversion Characteristics
(VCC1 = VCC2 = AVCC = VREF = 4.2 to 5.5 V, VSS = AVSS = 0 V, Topr = -20 to 85
°C, f(CPU) =
32MHz unless otherwise specified)
NOTES:
1. The value is obtained when
φAD frequency is at 16 MHz. Keep φAD frequency at 16 MHz or lower.
2. With using the sample and hold function
Table 5.10
D/A Conversion Characteristics
(VCC1 = VCC2 = VREF = 4.2 to 5.5 V, VSS = AVSS = 0 V, Topr = -20 to 85
°C,
f(CPU) = 32MHz unless otherwise specified)
NOTE:
1. Measured when one D/A converter is used, and the DAi register (i = 0, 1) of the unused D/A converter is set to
00h. The current flown into the resistor ladder in the A/D converter is excluded. IVREF flows even if the VCUT
bit in the AD0CON1 register is set to 0 (VREF not connected)
Symbol
Parameter
Measurement Condition
Standard
Unit
Min.
Typ.
Max.
−
Resolution
VREF = VCC1
10
Bits
INL
Integral nonlinearity error
VREF = VCC1
= VCC2 = 5 V
AN_0 to AN_7,
AN0_0 to AN0_7,
AN2_0 to AN2_7,
AN15_0 to AN15_7,
ANEX0, ANEX1
±3
LSB
External op-amp
connection mode
±7
LSB
DNL
Differential nonlinearity
error
±1
LSB
−
Offset error
±3
LSB
−
Gain error
±3
LSB
RLADDER Resistor ladder
VREF = VCC1
4
20
k
Ω
tCONV
10-bit conversion time(1)(2)
2.06
μs
tCONV
8-bit conversion time(1)(2)
1.75
μs
tSAMP
Sampling time(1)
0.188
μs
VREF
Reference voltage
3
VCC1
V
VIA
Analog input voltage
0
VREF
V
Symbol
Parameter
Measurement Condition
Standard
Unit
Min.
Typ.
Max.
−
Resolution
8Bits
−
Absolute accuracy
1.0
%
tsu
Setup time
3
μs
RO
Output resistance
4
10
20
k
Ω
IVREF
Reference power supply
input current
(note 1)
1.5
mA
VCC1 = VCC2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com