Electronic Components Datasheet Search
  English  ▼

X  

32C8B Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 32C8B
Description  RENESAS MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C8B Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 32C8B Datasheet HTML 23Page - Renesas Technology Corp 32C8B Datasheet HTML 24Page - Renesas Technology Corp 32C8B Datasheet HTML 25Page - Renesas Technology Corp 32C8B Datasheet HTML 26Page - Renesas Technology Corp 32C8B Datasheet HTML 27Page - Renesas Technology Corp 32C8B Datasheet HTML 28Page - Renesas Technology Corp 32C8B Datasheet HTML 29Page - Renesas Technology Corp 32C8B Datasheet HTML 30Page - Renesas Technology Corp 32C8B Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
M32C/8B Group
4. Special Function Registers (SFRs)
REJ03B0242-0050 Rev.0.50 Oct 31, 2008
Page 27 of 67
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 4.6
SFR Address Map (6/11)
X: Undefined
Blank spaces are all reserved. No access is allowed.
Address
Register
Symbol
After Reset
02F0h
02F1h
02F2h
02F3h
02F4h
UART4 Special Mode Register 4
U4SMR4
00h
02F5h
UART4 Special Mode Register 3
U4SMR3
00h
02F6h
UART4 Special Mode Register 2
U4SMR2
00h
02F7h
UART4 Special Mode Register
U4SMR
00h
02F8h
UART4 Transmit/Receive Mode Register
U4MR
00h
02F9h
UART4 Baud Rate Register
U4BRG
XXh
02FAh
UART4 Transmit Buffer Register
U4TB
XXXXh
02FBh
02FCh
UART4 Transmit/Receive Control Register 0
U4C0
0000 1000b
02FDh
UART4 Transmit/Receive Control Register 1
U4C1
0000 0010b
02FEh
UART4 Receive Buffer Register
U4RB
XXXXh
02FFh
0300h
Timer B3, B4, B5 Count Start Register
TBSR
000X XXXXb
0301h
0302h
Timer A11 Register
TA11
XXXXh
0303h
0304h
Timer A21 Register
TA21
XXXXh
0305h
0306h
Timer A41 Register
TA41
XXXXh
0307h
0308h
Three-Phase PWM Control Register 0
INVC0
00h
0309h
Three-Phase PWM Control Register 1
INVC1
00h
030Ah
Three-Phase Output Buffer Register 0
IDB0
XX11 1111b
030Bh
Three-Phase Output Buffer Register 1
IDB1
XX11 1111b
030Ch
Dead Time Timer
DTT
XXh
030Dh
Timer B2 Interrupt Generation Frequency Set Counter
ICTB2
XXh
030Eh
030Fh
0310h
Timer B3 Register
TB3
XXXXh
0311h
0312h
Timer B4 Register
TB4
XXXXh
0313h
0314h
Timer B5 Register
TB5
XXXXh
0315h
0316h
0317h
0318h
0319h
031Ah
031Bh
Timer B3 Mode Register
TB3MR
00XX 0000b
031Ch
Timer B4 Mode Register
TB4MR
00XX 0000b
031Dh
Timer B5 Mode Register
TB5MR
00XX 0000b
031Eh
031Fh
External Interrupt Source Select Register
IFSR
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com