Electronic Components Datasheet Search
  English  ▼

X  

32C8B Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # 32C8B
Description  RENESAS MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C8B Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button 32C8B Datasheet HTML 26Page - Renesas Technology Corp 32C8B Datasheet HTML 27Page - Renesas Technology Corp 32C8B Datasheet HTML 28Page - Renesas Technology Corp 32C8B Datasheet HTML 29Page - Renesas Technology Corp 32C8B Datasheet HTML 30Page - Renesas Technology Corp 32C8B Datasheet HTML 31Page - Renesas Technology Corp 32C8B Datasheet HTML 32Page - Renesas Technology Corp 32C8B Datasheet HTML 33Page - Renesas Technology Corp 32C8B Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
M32C/8B Group
4. Special Function Registers (SFRs)
REJ03B0242-0050 Rev.0.50 Oct 31, 2008
Page 30 of 67
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 4.9
SFR Address Map (9/11)
X: Undefined
Blank spaces are all reserved. No access is allowed.
Address
Register
Symbol
After Reset
0380h
A/D0 Register 0
AD00
00XXh
0381h
0382h
A/D0 Register 1
AD01
00XXh
0383h
0384h
A/D0 Register 2
AD02
00XXh
0385h
0386h
A/D0 Register 3
AD03
00XXh
0387h
0388h
A/D0 Register 4
AD04
00XXh
0389h
038Ah
A/D0 Register 5
AD05
00XXh
038Bh
038Ch
A/D0 Register 6
AD06
00XXh
038Dh
038Eh
A/D0 Register 7
AD07
00XXh
038Fh
0390h
0391h
0392h
A/D0 Control Register 4
AD0CON4
XXXX 00XXb
0393h
0394h
A/D0 Control Register 2
AD0CON2
XX0X X000b
0395h
A/D0 Control Register 3
AD0CON3
XXXX X000b
0396h
A/D0 Control Register 0
AD0CON0
00h
0397h
A/D0 Control Register 1
AD0CON1
00h
0398h
D/A Register 0
DA0
XXh
0399h
039Ah
D/A Register 1
DA1
XXh
039Bh
039Ch
D/A Control Register
DACON
XXXX XX00b
039Dh
039Eh
039Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com