Electronic Components Datasheet Search
  English  ▼

X  

32C8B Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 32C8B
Description  RENESAS MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C8B Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 32C8B Datasheet HTML 19Page - Renesas Technology Corp 32C8B Datasheet HTML 20Page - Renesas Technology Corp 32C8B Datasheet HTML 21Page - Renesas Technology Corp 32C8B Datasheet HTML 22Page - Renesas Technology Corp 32C8B Datasheet HTML 23Page - Renesas Technology Corp 32C8B Datasheet HTML 24Page - Renesas Technology Corp 32C8B Datasheet HTML 25Page - Renesas Technology Corp 32C8B Datasheet HTML 26Page - Renesas Technology Corp 32C8B Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
M32C/8B Group
4. Special Function Registers (SFRs)
REJ03B0242-0050 Rev.0.50 Oct 31, 2008
Page 23 of 67
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 4.2
SFR Address Map (2/11)
X: Undefined
Blank spaces are all reserved. No access is allowed.
NOTES:
1.
These registers can be used only in ROMless version.
2.
These registers are not available in ROMless version.
Address
Register
Symbol
After Reset
0030h
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
Address Match Interrupt Register 6
RMAD6
000000h
0039h
003Ah
003Bh
003Ch
Address Match Interrupt Register 7
RMAD7
000000h
003Dh
003Eh
003Fh
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
0048h
External Space Wait Control Register 0
EWCR0
X0X0 0011b
0049h
External Space Wait Control Register 1
EWCR1
X0X0 0011b
004Ah
External Space Wait Control Register 2
EWCR2
X0X0 0011b
004Bh
External Space Wait Control Register 3
EWCR3
X0X0 0011b
004Ch
Page Mode Wait Control Register 0(1)
PWCR0
0001 0001b
004Dh
Page Mode Wait Control Register 1(1)
PWCR1
0001 0001b
004Eh
004Fh
0050h
Flash Memory Control Register 3(2)
FMR 3
XX0X XX00b
0051h
0052h
Flash Memory Control Register 2(2)
FMR 2
XXXX XXX0b
0053h
0054h
0055h
Flash Memory Control Register 1(2)
FMR1
0000 XX0Xb
0056h
0057h
Flash Memory Control Register 0(2)
FMR0
0000 0001b
0058h
0059h
Flash Memory Control Register 4(2)
FMR4
00h
005Ah
005Bh
005Ch
005Dh
005Eh
005Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com