| Electronic Components Datasheet Search |
|
32C8B Datasheet(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32C8B Datasheet(HTML) 18 Page - Renesas Technology Corp |
|
18 / 69 page ![]() M32C/8B Group 2. Central Processing Unit (CPU) REJ03B0242-0050 Rev.0.50 Oct 31, 2008 Page 18 of 67 Under development Preliminary specification Specifications in this manual are tentative and subject to change. 2. Central Processing Unit (CPU) R0H R0L R1H R1L R2 R3 R2 R3 A0 A1 SB FB Static base register(1) Frame base register(1) Carry flag Debug flag Zero flag Sign flag Register bank select flag Overflow flag Interrupt enable flag Stack pointer select flag Reserved Processor interrupt priority level Reserved R0L R1L R2 R3 R2 R3 A0 A1 SB FB USP INTB ISP PC R0H R1H b31 b15 b23 b0 FLG C D Z S B O I U IPL b15 b0 b8 b7 SVF SVP VCT b23 b15 b0 DMD0 DMD1 DCT0 DCT1 DRC0 DRC1 DMA0 DMA1 DRA0 DRA1 DSA0 DSA1 b23 b15 b0 b7 Address registers(1) User stack pointer Interrupt stack pointer Interrupt table register Program counter Flag register General registers High-speed interrupt registers DMAC-associated registers Flag save register PC save register Vector register DMA mode registers DMA transfer count registers DMA transfer count reload registers DMA memory address registers DMA memory address reload registers DMA SFR address registers NOTE: 1. These registers comprise a register bank. There are two sets of register banks (register bank 0 and register bank 1). Data registers(1) Figure 2.1 shows the CPU registers. The register bank is comprised of eight registers (R0, R1, R2, R3, A0, A1, SB, and FB) out of 28 CPU registers. There are two sets of register banks. Figure 2.1 CPU Register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |