Electronic Components Datasheet Search
  English  ▼

X  

32C8B Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 32C8B
Description  RENESAS MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C8B Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 32C8B Datasheet HTML 29Page - Renesas Technology Corp 32C8B Datasheet HTML 30Page - Renesas Technology Corp 32C8B Datasheet HTML 31Page - Renesas Technology Corp 32C8B Datasheet HTML 32Page - Renesas Technology Corp 32C8B Datasheet HTML 33Page - Renesas Technology Corp 32C8B Datasheet HTML 34Page - Renesas Technology Corp 32C8B Datasheet HTML 35Page - Renesas Technology Corp 32C8B Datasheet HTML 36Page - Renesas Technology Corp 32C8B Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
M32C/8B Group
5. Electrical Characteristics
REJ03B0242-0050 Rev.0.50 Oct 31, 2008
Page 33 of 67
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
5.
Electrical Characteristics
Table 5.1
Absolute Maximum Ratings
NOTES:
1. P11 to P15 are provided in the 144-pin package only.
2. Contact a Renesas sales office if temperature range of -40 to 85
°C is required.
Symbol
Parameter
Condition
Value
Unit
VCC1,
VCC2
Supply voltage
VCC1 = AVCC
-0.3 to 6.0
V
VCC2
Supply voltage
−
-0.3 to VCC1 + 0.1
V
AVCC
Analog supply voltage
VCC1 = AVCC
-0.3 to 6.0
V
VI
Input voltage
RESET, CNVSS, BYTE, P6_0 to P6_7,
P7_2 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P14_0 to P14_6, P15_0 to P15_7(1),
VREF, XIN
-0.3 to VCC1 + 0.3
V
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7(1)
-0.3 to VCC2 + 0.3
P7_0, P7_1
-0.3 to 6.0
VO
Output voltage
P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P14_0 to 14_6, P15_0 to P15_7(1),
XOUT
-0.3 to VCC1 + 0.3
V
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7(1)
-0.3 to VCC2 + 0.3
P7_0, P7_1
-0.3 to 6.0
Pd
Power consumption
-40
°C≤Topr≤85°C
500
mW
Topr
Operating
ambient
temperature
during CPU operation
-20 to 85/
-40 to 85(2)
°C
during programming or erasing Flash
memory
0 to 60
°C
Tstg
Storage temperature
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com