Electronic Components Datasheet Search
  English  ▼

X  

32C8B Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 32C8B
Description  RENESAS MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C8B Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 32C8B Datasheet HTML 21Page - Renesas Technology Corp 32C8B Datasheet HTML 22Page - Renesas Technology Corp 32C8B Datasheet HTML 23Page - Renesas Technology Corp 32C8B Datasheet HTML 24Page - Renesas Technology Corp 32C8B Datasheet HTML 25Page - Renesas Technology Corp 32C8B Datasheet HTML 26Page - Renesas Technology Corp 32C8B Datasheet HTML 27Page - Renesas Technology Corp 32C8B Datasheet HTML 28Page - Renesas Technology Corp 32C8B Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
M32C/8B Group
4. Special Function Registers (SFRs)
REJ03B0242-0050 Rev.0.50 Oct 31, 2008
Page 25 of 67
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 4.4
SFR Address Map (4/11)
X: Undefined
Blank spaces are all reserved. No access is allowed.
Address
Register
Symbol
After Reset
0090h
UART0 Transmit/NACK Interrupt Control Register
S0TIC
XXXX X000b
0091h
UART1/UART4 Bus Conflict Detection Interrupt Control Register
BCN1IC/BCN4IC
XXXX X000b
0092h
UART1 Transmit/NACK Interrupt Control Register
S1TIC
XXXX X000b
0093h
Key Input Interrupt Control Register
KUPIC
XXXX X000b
0094h
Timer B0 Interrupt Control Register
TB0IC
XXXX X000b
0095h
0096h
Timer B2 Interrupt Control Register
TB2IC
XXXX X000b
0097h
0098h
Timer B4 Interrupt Control Register
TB4IC
XXXX X000b
0099h
009Ah
INT4 Interrupt Control Register
INT4IC
XX00 X000b
009Bh
009Ch
INT2 Interrupt Control Register
INT2IC
XX00 X000b
009Dh
009Eh
INT0 Interrupt Control Register
INT0IC
XX00 X000b
009Fh
Exit Priority Register
RLVL
XXXX 0000b
00A0h
to
02BFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com