Electronic Components Datasheet Search
  English  ▼

X  

32C8B Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # 32C8B
Description  RENESAS MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C8B Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button 32C8B Datasheet HTML 53Page - Renesas Technology Corp 32C8B Datasheet HTML 54Page - Renesas Technology Corp 32C8B Datasheet HTML 55Page - Renesas Technology Corp 32C8B Datasheet HTML 56Page - Renesas Technology Corp 32C8B Datasheet HTML 57Page - Renesas Technology Corp 32C8B Datasheet HTML 58Page - Renesas Technology Corp 32C8B Datasheet HTML 59Page - Renesas Technology Corp 32C8B Datasheet HTML 60Page - Renesas Technology Corp 32C8B Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
M32C/8B Group
5. Electrical Characteristics
REJ03B0242-0050 Rev.0.50 Oct 31, 2008
Page 57 of 67
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Timing Requirements
(VCC1 = VCC2 = 3.0 to 3.6 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
Table 5.34
External Clock Input
Table 5.35
Timer A Input (Count Source Input in Event Counter Mode)
i = 0 to 4
Table 5.36
Timer A Input (Gate Signal Input in Timer Mode)
i = 0 to 4
Table 5.37
Timer A Input (External Trigger Input in One-Shot Timer Mode)
i = 0 to 4
Table 5.38
Timer A Input (External Trigger Input in Pulse Width Modulation Mode)
i = 0 to 4
Symbol
Parameter
Standard
Unit
Min.
Max.
tc
External clock input cycle time
62.5
ns
tw(H)
External clock input high (“H”) pulse width
27.5
ns
tw(L)
External clock input low (“L”) pulse width
27.5
ns
tr
External clock rise time
5
ns
tf
External clock fall time
5
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
100
ns
tw(TAH)
TAiIN input high (“H”) pulse width
40
ns
tw(TAL)
TAiIN input low (“L”) pulse width
40
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
400
ns
tw(TAH)
TAiIN input high (“H”) pulse width
200
ns
tw(TAL)
TAiIN input low (“L”) pulse width
200
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
200
ns
tw(TAH)
TAiIN input high (“H”) pulse width
100
ns
tw(TAL)
TAiIN input low (“L”) pulse width
100
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(TAH)
TAiIN input high (“H”) pulse width
100
ns
tw(TAL)
TAiIN input low (“L”) pulse width
100
ns
VCC1 = VCC2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com