Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 113Page - Renesas Technology Corp M37207MF Datasheet HTML 114Page - Renesas Technology Corp M37207MF Datasheet HTML 115Page - Renesas Technology Corp M37207MF Datasheet HTML 116Page - Renesas Technology Corp M37207MF Datasheet HTML 117Page - Renesas Technology Corp M37207MF Datasheet HTML 118Page - Renesas Technology Corp M37207MF Datasheet HTML 119Page - Renesas Technology Corp M37207MF Datasheet HTML 120Page - Renesas Technology Corp M37207MF Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 122 page
background image
116
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
Serial I/O Control Register
Port Control Register
Address 020616
Address 020716
b7 b6 b5 b4 b3 b2 b1 b0
Port control register (P7D) [Address 020616]
B
Name
Functions
After reset
R W
Port Control Register
0, 1 Port P7 data input bits
(P7D0, P7D1)
When only OP1 = “0” and
OP0 = ”1,” input data is
valid.
(See note)
Indeterminate
2
D-A/AD3 function selection
bit (P7D2)
0
RW
RW
0
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are indeterminate.
R—
4P40/XCIN, P41/XCOUT
function selection bit
(P7D4)
0 : P40, P41
1 : XCIN, XCOUT
0
RW
Note: OP is the CRT clock selection register.
0: AD3
1: D-A
3,
5 to 7
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O control register (SIC) [Address 020716]
B
Name
Functions
After reset RW
Serial I/O Control Register
0
Input signal to sift
register selection bit
(SIC0)
CSIO b0
0 0: Input signal from S IN1
0 1: Input signal from S OUT1
(See note 1)
1 0: Input signal from S IN2
1 1: Input signal from S OUT2
(See note 1)
1
Serial I/O pin switch
bit (CSIO)
0: SOUT1,SCLK1, SIN1, SRDY1
1: SOUT2,SCLK2, SIN2, SRDY2
0
0
RW
RW
Notes 1: When inputting data from the S out pin, set “FF16” to the serial
I/O register.
2: When using ports P4 4–P47 as serial I/O pins, set bit 1 of the
serial I/O control register to “0.”
3, 7 Ports P47 function
selection bits
(SM3, SM7)
(See note 2)
P47/SRDY1/PWM8
P47
SRDY1
PWM8
0R W
4, 5 Ports P44, P45
function selection bits
(SM4, SM6)
(See note 2)
6
Ports P46 function
selection bits
(SIC6)
(See note 2)
b7
0
1
b3
!
0
1
P44/SOUT1/
SDA1
P44
SOUT1
SDA1
0R W
P45/SCLK1/
SCL1
P45
SCLK1
SCL1
b5
0
1
b4
!
0
1
P46/SIN1/PWM9
P46
PWM9
0R W
b6
0
1
2
I2C-BUS connection
ports switch bit
(SIC2)
0: SDA2, SCL2, SDA1, SCL1
1: SDA3, SCL3
0R W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com