Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 114Page - Renesas Technology Corp M37207MF Datasheet HTML 115Page - Renesas Technology Corp M37207MF Datasheet HTML 116Page - Renesas Technology Corp M37207MF Datasheet HTML 117Page - Renesas Technology Corp M37207MF Datasheet HTML 118Page - Renesas Technology Corp M37207MF Datasheet HTML 119Page - Renesas Technology Corp M37207MF Datasheet HTML 120Page - Renesas Technology Corp M37207MF Datasheet HTML 121Page - Renesas Technology Corp M37207MF Datasheet HTML 122Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 119 / 122 page
background image
118
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
Timer Mode Register 3
A-D Control Register 2
Address 020A16
Address 020B16
b7 b6 b5 b4 b3 b2 b1 b0
A-D control register 2(ADC) [Address 020A 16]
B
After reset
RW
A-D Control Register 2
0
to
5
6, 7
Indeterminate
0
Name
Functions
D-A converter set bits
(ADC0 to ADC5)
b0
b1
b2
b3
b4
b5
Nothing is assigned. These bits are write disable bits.
When these bits are reed out, the values are “ 0.”
1
0000
00
0000
0
0
0000
0
0
111
1
1
1111
1
1
1111
11
: 3/128Vcc
: 5/128Vcc
: 123/128Vcc
: 125/128Vcc
: 127/128Vcc
: 1/128Vcc
RW
R—
b7 b6 b5 b4 b3 b2 b1 b0
Timer mode register 3 (TMR3) [Address 020B16 ]
B
After reset RW
Timer Mode Register 3
0
Name
Functions
Timer 5 count source
selection bit 3
(TMR30)
0R W
0R —
0 : f(XIN)/16 or f(XCIN)/16 (See note)
1 : f(XCIN)
Note: Either f(XIN) or f(XCIN) is selected by bit 7 of the CPU mode register.
1
to
7
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com