Electronic Components Datasheet Search
  English  ▼

X  

R8C2G Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R8C2G
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 69Page - Renesas Technology Corp R8C2G Datasheet HTML 70Page - Renesas Technology Corp R8C2G Datasheet HTML 71Page - Renesas Technology Corp R8C2G Datasheet HTML 72Page - Renesas Technology Corp R8C2G Datasheet HTML 73Page - Renesas Technology Corp R8C2G Datasheet HTML 74Page - Renesas Technology Corp R8C2G Datasheet HTML 75Page - Renesas Technology Corp R8C2G Datasheet HTML 76Page - Renesas Technology Corp R8C2G Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 344 page
background image
R8C/2G Group
7. Comparator
Rev.1.00
Apr 04, 2008
Page 53 of 318
REJ09B0387-0100
Figure 7.8
VCAC Register
Figure 7.9
BGRCR Register
Voltage Monitor Circuit Edge Select Register
Symbol
Address
After Reset
VCAC
003Dh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
b7 b6 b5 b4
b0
b3 b2 b1
—
(b0)
—
VCAC1
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Comparator 1 circuit edge select
bit(1)
0: One edge
1: Both edges
VCAC2
Comparator 2 circuit edge select
bit(2)
0: One edge
1: Both edges
RW
The VW2C7 bit in the VW2C register is enabled w hen the VCAC2 bit is set to 0 (one edge). Set the VW2C7 bit after
setting the VCAC2 bit to 0.
The VW1C7 bit in the VW1C register is enabled w hen the VCAC1 bit is set to 0 (one edge). Set the VW1C7 bit after
setting the VCAC1 bit to 0.
—
(b7-b3)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
BGR Control Register(1)
Symbol
Address
After Reset
BGRCR
003Eh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. When the BGRCR0 bit is set to 1 (disabled), the accuracy/precision of the follow ing is not guaranteed:
• Internal reference voltage for comparator 1 and comparator 2
• Detection voltage for voltage detection circuit 0 to voltage detection circuit 2
• Oscillation frequency of the high-speed on-chip oscillator
Use these functions w hile the BGRCR0 bit is set to 0 (enabled).
To set the BGRCR0 bit to 1 (disabled), first disable voltage detection circuits 0 to 2 and disable comparators 1 and 2
w ith the internal reference voltage selected. Also stop the high-speed on-chip oscillator. Then set the BGRCR0 bit to
1 (disabled).
Set the PRC3 bit in the PRCR register to 1 (w rite enabled) before rew riting the BGRCR register.
—
(b7-b1)
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
BGRCR0
RW
Internal reference voltage (Vref)
adjustment circuit (BGR trimming
circuit) enable bit(2)
0: Enabled
1: Disabled
b0
b3 b2 b1
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com