Electronic Components Datasheet Search
  English  ▼

X  

R8C2G Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R8C2G
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 70Page - Renesas Technology Corp R8C2G Datasheet HTML 71Page - Renesas Technology Corp R8C2G Datasheet HTML 72Page - Renesas Technology Corp R8C2G Datasheet HTML 73Page - Renesas Technology Corp R8C2G Datasheet HTML 74Page - Renesas Technology Corp R8C2G Datasheet HTML 75Page - Renesas Technology Corp R8C2G Datasheet HTML 76Page - Renesas Technology Corp R8C2G Datasheet HTML 77Page - Renesas Technology Corp R8C2G Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 344 page
background image
R8C/2G Group
7. Comparator
Rev.1.00
Apr 04, 2008
Page 54 of 318
REJ09B0387-0100
Figure 7.10
BGRTRM Register
Figure 7.11
PINSR4 Register
BGR Trimming Register(1)
Symbol
Address
After Reset
BGRTRM
003Fh
When Shipping
RW
NOTE:
1. Set the PRC3 bit in the PRCR register to 1 (w rite enabled) before rew riting the BGRTRM register.
RW
Function
Bits 0 to 7 can be used to adjust the level of the internal reference voltage (Vref).
Write either of the follow ing values into the BGRTRM register.
• Value stored in the BGRTRMA register
• Value stored in the BGRTRMB register
• 15h
Do not w rite values other than the above into the BGRTRM register.
Follow the procedure show n in Figure 7.16 for w riting data to the BGRTRM register.
b3 b2 b1 b0
b7 b6 b5 b4
Pin Select Register 4
Symbol
Address
After Reset
PINSR4
02FBh
00h
Bit Symbol
Bit Name
Function
RW
KI0
____
pin select bit
KI1
____
pin select bit
TREO pin select 2 bit
b0
0 : Voltage monitor 1, voltage monitor 2
1 : Comparator 1, comparator 2
b3 b2 b1
b7 b6 b5 b4
RW
COMPSEL
TRFOSEL
000
TRFO11 pin select bit
0 : P3_4
1 : P3_7
Voltage monitor/comparator
select bit
RW
RW
RW
RW
RW
KI0SEL
0 : P1_0
1 : P0_7
—
(b6-b4)
TREOSEL2
Set to 0.
Reserved bits
KI1SEL
0 : P1_1
1 : P6_6
0 : TREOSEL bit in PINSR3 register enabled
1 : P6_5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com