| Electronic Components Datasheet Search |
|
R8C2G Datasheet(PDF) 77 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2G Datasheet(HTML) 77 Page - Renesas Technology Corp |
|
77 / 344 page ![]() R8C/2G Group 7. Comparator Rev.1.00 Apr 04, 2008 Page 57 of 318 REJ09B0387-0100 Figure 7.12 Operating Example of Comparator 1 (When Digital Filter Enabled) Reference voltage VW1C3 bit VCOUT1 output (LCM1POR = 0) VCMP1 The above applies under the following conditions. • VCA26 bit in VCA2 register = 1 (comparator 1 circuit enabled) • VW1C0 bit in VW1C register = 1 (comparator 1 interrupt enabled) • CM1OE bit in ALCMR register = 1 (output enabled) • VCAB5 bit in VCAB register = 1 (VCMP1 pin input) • COMPSEL bit in PINSR4 register = 1 (comparator 1, comparator 2 selected) 0 1 2 cycles of sampling clock of digital filter VW1C2 bit 0 1 VW1C1, VW1C2, VW1C3, VW1C7: Bits in VW1C register VCAC1: Bit in VCAC register LCM1POR, IRQ1SEL: Bits in ALCMR register 2 cycles of sampling clock of digital filter IR bit in VCMP1IC register (IRQ1SEL = 1) When the VW1C1 bit is set to 0 (digital filter enabled) and the VCAC1 bit is set to 1 (both edges) VW1C2 bit 0 1 Set to 0 by a program When the VW1C1 bit is set to 0 (digital filter enabled), the VCAC1 bit is set to 0 (one edge), and the VW1C7 bit is set to 0 (VCMP1 reaches reference voltage or above) VW1C2 bit 0 1 When the VW1C1 bit is set to 0 (digital filter enabled), the VCAC1 bit is set to 0 (one edge), and the VW1C7 bit is set to 1 (VCMP1 reaches reference voltage or below) Set to 0 by a program 0 1 0 1 IR bit in VCMP1IC register (IRQ1SEL = 1) 0 1 Set to 0 by interrupt request acknowledgement, or by a program VCOUT1 output (LCM1POR = 0) 0 1 IR bit in VCMP1IC register (IRQ1SEL = 1) 0 1 Set to 0 by interrupt request acknowledgement, or by a program VCOUT1 output (LCM1POR = 1) 0 1 Set to 0 by interrupt request acknowledgement, or by a program Set to 0 by a program |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |