Electronic Components Datasheet Search
  English  ▼

X  

R8C2G Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R8C2G
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 93Page - Renesas Technology Corp R8C2G Datasheet HTML 94Page - Renesas Technology Corp R8C2G Datasheet HTML 95Page - Renesas Technology Corp R8C2G Datasheet HTML 96Page - Renesas Technology Corp R8C2G Datasheet HTML 97Page - Renesas Technology Corp R8C2G Datasheet HTML 98Page - Renesas Technology Corp R8C2G Datasheet HTML 99Page - Renesas Technology Corp R8C2G Datasheet HTML 100Page - Renesas Technology Corp R8C2G Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 344 page
background image
R8C/2G Group
8. I/O Ports
Rev.1.00
Apr 04, 2008
Page 77 of 318
REJ09B0387-0100
X: 0 or 1
NOTE:
1. Pulled up by setting the PU02 bit in the PUR0 register to 1.
NOTE:
1. Set the TOCNT bit in the TRBIOC register to 0 in modes except for programmable waveform generation mode.
X: 0 or 1
NOTES:
1. Pulled up by setting the PU03 bit in the PUR0 register to 1.
2. N-channel open-drain output by setting the NCH bit in the U0C0 register to 1.
Table 8.11
Port P1_3/KI3/VCOUT1/(TRBO)
Register
PD1
Timer RB Setting
KIEN
ALCMR
Function
Bit
PD1_3
−
KI3EN
CM1OE
Setting
value
0
Other than TRBO usage conditions
0
0
Input port(1)
1
Other than TRBO usage conditions
0
0
Output port
0
Other than TRBO usage conditions
1
0
KI3 input(1)
X
Refer to Table 8.12 TRBO Pin Setting
0
0
TRBO output
X
Other than TRBO usage conditions
0
1
VCOUT1 output
Table 8.12
TRBO Pin Setting
Register
PINSR2
TRBIOC
TRBMR
Function
Bit
TRBOSEL
TOCNT(1)
TMOD1
TMOD0
Setting
value
1
0
0
1
Programmable waveform generation mode
1
0
1
0
Programmable one-shot generation mode
1
0
1
1
Programmable wait one-shot generation mode
11
01
P1_3 output port
Other than above
Other than TRBO usage conditions
Table 8.13
Port P1_4/TXD0
Register
PD1
U0MR
Function
Bit
PD1_4
SMD2
SMD1
SMD0
Setting
value
00
0
0
Input port(1)
1
0
0
0
Output port
X
0
0
1
TXD0 output(2)
1
0
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com