Electronic Components Datasheet Search
  English  ▼

X  

R8C2G Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # R8C2G
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 76Page - Renesas Technology Corp R8C2G Datasheet HTML 77Page - Renesas Technology Corp R8C2G Datasheet HTML 78Page - Renesas Technology Corp R8C2G Datasheet HTML 79Page - Renesas Technology Corp R8C2G Datasheet HTML 80Page - Renesas Technology Corp R8C2G Datasheet HTML 81Page - Renesas Technology Corp R8C2G Datasheet HTML 82Page - Renesas Technology Corp R8C2G Datasheet HTML 83Page - Renesas Technology Corp R8C2G Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 344 page
background image
R8C/2G Group
7. Comparator
Rev.1.00
Apr 04, 2008
Page 60 of 318
REJ09B0387-0100
Figure 7.14
Operating Example of Comparator 2 (When Digital Filter Enabled)
Reference voltage
VCA13 bit
VCOUT2 output
(LCM2POR = 0)
VCMP2
The above applies under the following conditions.
• VCA27 bit in VCA2 register = 1 (comparator 2 circuit enabled)
• VW2C0 bit in VW2C register = 1 (comparator 2 interrupt enabled)
• CM2OE bit in ALCMR register = 1 (output enabled)
• VCAB6 bit in VCAB register = 1 (VCMP2 pin input)
• COMPSEL bit in PINSR4 register = 1 (comparator 1, comparator 2 selected)
0
1
2 cycles of sampling clock
of digital filter
VW2C2 bit
0
1
VCA13: Bit in VCA1 register
VW2C1, VW2C2, VW2C7: Bits in VW2C register
VCAC2: Bit in VCAC register
LCM2POR, IRQ2SEL: Bits in ALCMR register
2 cycles of sampling clock
of digital filter
IR bit in
VCMP2IC register
(IRQ2SEL = 1)
When the VW2C1 bit is set to 0
(digital filter enabled) and the
VCAC2 bit is set to 1 (both edges)
VW2C2 bit
0
1
When the VW2C1 bit is set to 0
(digital filter enabled), the VCAC2
bit is set to 0 (one edge), and
the VW2C7 bit is set to 0 (VCMP2
reaches reference voltage or above)
VW2C2 bit
0
1
When the VW2C1 bit is set to 0
(digital filter enabled), the VCAC2
bit is set to 0 (one edge), and
the VW2C7 bit is set to 1 (VCMP2
reaches reference voltage or below)
0
1
0
1
IR bit in
VCMP2IC register
(IRQ2SEL = 1)
0
1
VCOUT2 output
(LCM2POR = 0)
0
1
IR bit in
VCMP2IC register
(IRQ2SEL = 1)
0
1
VCOUT2 output
(LCM2POR = 1)
0
1
Set to 0 by interrupt request
acknowledgement, or by a program
Set to 0 by a program
Set to 0 by a program
Set to 0 by a program
Set to 0 by interrupt request
acknowledgement, or by a program
Set to 0 by interrupt request
acknowledgement, or by a program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com