Electronic Components Datasheet Search
  English  ▼

X  

R8C2G Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R8C2G
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 87Page - Renesas Technology Corp R8C2G Datasheet HTML 88Page - Renesas Technology Corp R8C2G Datasheet HTML 89Page - Renesas Technology Corp R8C2G Datasheet HTML 90Page - Renesas Technology Corp R8C2G Datasheet HTML 91Page - Renesas Technology Corp R8C2G Datasheet HTML 92Page - Renesas Technology Corp R8C2G Datasheet HTML 93Page - Renesas Technology Corp R8C2G Datasheet HTML 94Page - Renesas Technology Corp R8C2G Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 344 page
background image
R8C/2G Group
8. I/O Ports
Rev.1.00
Apr 04, 2008
Page 71 of 318
REJ09B0387-0100
Figure 8.5
PDi (i = 0, 1, 3, 4, or 6) Register
Port Pi Direction Register (i = 0, 1, 3, 4, or 6)(1, 2, 3, 4)
Symbol
Address
After Reset
PD0
00E2h
00h
PD1
00E3h
00h
PD3
00E7h
00h
PD4
00EAh
00h
PD6
00EEh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
Bits PD4_0 to PD4_2, PD4_6, and PD4_7 in the PD4 register are unavailable on this MCU.
If it is necessary to set bits PD4_0 to PD4_2, PD4_6, and PD4_7, set to 0 (input mode). When read, the content is 0.
To use port P4_4 as an output port, set the PD4_4 bit to 1 (output mode). Do not use port P4_4 as an input port.
Bits PD6_1, PD6_2, and PD6_7 in the PD6 register are unavailable on this MCU.
If it is necessary to set bits PD6_1, PD6_2, and PD6_7, set to 0 (input mode). When read, the content is 0.
Bits PD0_0 to PD0_3 in the PD0 register are unavailable on this MCU.
If it is necessary to set bits PD0_0 to PD0_3 , set to 0 (input mode). When read, the content is 0.
PDi_3
Port Pi_3 direction bit
Port Pi_1 direction bit
Port Pi_4 direction bit
Port Pi_2 direction bit
PDi_4
RW
RW
Port Pi_5 direction bit
RW
0 : Input mode
(functions as an input port)
1 : Output mode
(functions as an output port)
RW
RW
Port Pi_6 direction bit
RW
Port Pi_0 direction bit
b7 b6 b5 b4 b3 b2
PDi_2
b1 b0
PDi_1
PDi_0
Set the PD0 register by using the next instruction after setting the PRC2 bit in the PRCR register to 1 (w rite enable).
PDi_6
RW
PDi_7
Port Pi_7 direction bit
RW
PDi_5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com