Electronic Components Datasheet Search
  English  ▼

X  

R8C2G Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R8C2G
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 81Page - Renesas Technology Corp R8C2G Datasheet HTML 82Page - Renesas Technology Corp R8C2G Datasheet HTML 83Page - Renesas Technology Corp R8C2G Datasheet HTML 84Page - Renesas Technology Corp R8C2G Datasheet HTML 85Page - Renesas Technology Corp R8C2G Datasheet HTML 86Page - Renesas Technology Corp R8C2G Datasheet HTML 87Page - Renesas Technology Corp R8C2G Datasheet HTML 88Page - Renesas Technology Corp R8C2G Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 344 page
background image
R8C/2G Group
8. I/O Ports
Rev.1.00
Apr 04, 2008
Page 65 of 318
REJ09B0387-0100
8.
I/O Ports
There are 27 I/O ports P0_4 to P0_7, P1, P3, P4_3, P4_5, P6_0, P6_3 to P6_6.
When the XCIN clock oscillation circuit is not used, P4_3 can be used as an I/O port and P4_4 can be used as an output
port.
Table 8.1 lists an Overview of I/O Ports.
NOTES:
1. In input mode, whether an internal pull-up resistor is connected or not can be selected by PUR0
register.
2. In input mode, whether an internal pull-up resistor is connected or not can be selected by PUR1
register.
3. Do not use port P4_4 as an input port (input mode).
8.1
Functions of I/O Ports
The PDi_j (j = 0 to 7) bit in the PDi (i = 0, 1, 3, 4, 6) register controls I/O of the ports P0_4 to P0_7, P1, P3, P4_3
to P4_5, P6_0, P6_3 to P6_6. The Pi register consists of a port latch to hold output data and a circuit to read pin
states.
Figures 8.1 to 8.3 show the Configurations of I/O Ports. Table 8.2 lists the Functions of I/O Ports. Also, Figure 8.5
shows the PDi (i = 0, 1, 3, 4, or 6) Register. Figure 8.6 shows the Pi (i = 0, 1, 3, 4, or 6) Register, Figure 8.7 shows
Registers PINSR2, PINSR3, and PINSR4, Figure 8.8 shows the PMR Register, Figure 8.9 shows Registers PUR0
and PUR1.
i = 0, 1, 3, 4, 6, j = 0 to 7
NOTE:
1. Nothing is assigned to bits PD0_0 to PD0_3, PD4_0 to PD4_2, PD4_6, PD4_7, PD6_1, PD6_2,
PD6_7.
Table 8.1
Overview of I/O Ports
Ports
I/O
Type of Output
I/O Setting
Internal Pull-Up Resister
P0_4 to P0_7, P1, P3
I/O
CMOS3 State
Set per bit
Set every 4 bits(1)
P4_3
I/O
CMOS3 State
Set per bit
Set every bit(2)
P4_4
Output CMOS3 State
Set per bit(3)
None
P4_5
I/O
CMOS3 State
Set per bit
Set every bit(2)
P6_0, P6_3
I/O
CMOS3 State
Set per bit
Set every 2 bits(2)
P6_4 to P6_6
I/O
CMOS3 State
Set per bit
Set every 3 bits(2)
Table 8.2
Functions of I/O Ports
Operation When
Accessing
Pi Register
Value of PDi_j Bit in PDi Register(1)
When PDi_j Bit is Set to 0 (Input Mode)
When PDi_j Bit is Set to 1 (Output Mode)
Reading
Read pin input level
Read the port latch
Writing
Write to the port latch
Write to the port latch. The value written to
the port latch is output from the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com