Electronic Components Datasheet Search
  English  ▼

X  

R8C2G Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R8C2G
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 90Page - Renesas Technology Corp R8C2G Datasheet HTML 91Page - Renesas Technology Corp R8C2G Datasheet HTML 92Page - Renesas Technology Corp R8C2G Datasheet HTML 93Page - Renesas Technology Corp R8C2G Datasheet HTML 94Page - Renesas Technology Corp R8C2G Datasheet HTML 95Page - Renesas Technology Corp R8C2G Datasheet HTML 96Page - Renesas Technology Corp R8C2G Datasheet HTML 97Page - Renesas Technology Corp R8C2G Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 344 page
background image
R8C/2G Group
8. I/O Ports
Rev.1.00
Apr 04, 2008
Page 74 of 318
REJ09B0387-0100
Figure 8.8
PMR Register
Figure 8.9
Registers PUR0 and PUR1
Port Mode Register
Symbol
Address
After Reset
PMR
00F8h
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
pin select bit
b7 b6 b5 b4
b0
b3 b2 b1
INT1SEL
0 : P1_5, P1_7
1 : P3_6
RW
—
(b7-b1)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Pull-Up Control Register 0
Symbol
Address
After Reset
PUR0
00FCh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
—
—
RW
RW
RW
P0_4 to P0_7 pull-up(1)
PU03
P1_4 to P1_7 pull-up(1)
P1_0 to P1_3 pull-up(1)
PU01
b0
—
(b0)
b7 b6 b5 b4 b3 b2 b1
0 : Not pulled up
1 : Pulled up
When this bit is set to 1 (pulled up), the pin w hose direction bit is set to 0 (input mode) is pulled up.
PU07
RW
P3_4 to P3_7 pull-up(1)
PU06
P3_0 to P3_3 pull-up(1)
RW
—
(b5-b4)
PU02
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
0 : Not pulled up
1 : Pulled up
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Pull-Up Control Register 1
Symbol
Address
After Reset
PUR1
00FDh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
P6_4 to P6_6 pull-up(1)
0 : Not pulled up
1 : Pulled up
RW
PU14
P6_0, P6_3 pull-up(1)
RW
RW
0 : Not pulled up
1 : Pulled up
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
PU11
P4_5 pull-up(1)
RW
—
—
(b7-b6)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
PU10
P4_3 pull-up(1)
—
(b3-b2)
PU15
b7 b6 b5 b4
b0
—
When this bit is set to 1 (pulled up), the pin w hose direction bit is set to 0 (input mode) is pulled up.
b3 b2 b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com