Electronic Components Datasheet Search
  English  ▼

X  

R8C2G Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R8C2G
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 79Page - Renesas Technology Corp R8C2G Datasheet HTML 80Page - Renesas Technology Corp R8C2G Datasheet HTML 81Page - Renesas Technology Corp R8C2G Datasheet HTML 82Page - Renesas Technology Corp R8C2G Datasheet HTML 83Page - Renesas Technology Corp R8C2G Datasheet HTML 84Page - Renesas Technology Corp R8C2G Datasheet HTML 85Page - Renesas Technology Corp R8C2G Datasheet HTML 86Page - Renesas Technology Corp R8C2G Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 344 page
background image
R8C/2G Group
7. Comparator
Rev.1.00
Apr 04, 2008
Page 63 of 318
REJ09B0387-0100
7.6
Adjusting Internal Reference Voltage (Vref)
The level of the internal reference voltage (Vref) can be adjusted with the value of the BGRTRM register. The
values for correcting the Vref are stored in registers BGRTRMA and BGRTRMB before shipping the MCU. The
value of the BGRTRMA register is the same as that of the BGRTRM register after reset.
To use separate correction values to match the supply voltage ranges, transfer them from registers BGRTRMA and
BGRTRMB to the BGRTRM register. Figure 7.16 shows the Procedure for Adjusting Internal Reference Voltage
(Vref).
When the BGRCR0 bit in the BGRCR register to 1 (disabled), the internal reference voltage (Vref) adjustment
circuit (BGR trimming circuit) is disabled and the value of the BGRTRM register is also disabled.
When the BGR trimming circuit is disabled, the accuracy of the internal reference voltage (Vref) is not guaranteed.
Disable voltage detection circuits 0 to 2 and disable comparators 1 and 2 with the internal reference voltage
selected. The high-speed on-chip oscillator should also be stopped as necessary because the precision of its
oscillation frequency is not also guaranteed.
Figure 7.16
Procedure for Adjusting Internal Reference Voltage (Vref)
Start adjusting the internal reference voltage
(Vref)
Determine the supply voltage(1)
Wait for 10
µs
Vcc
≥ 3.6 V ?
Adjustment of the internal reference voltage
(Vref) completed
No
Yes
Transfer the value of the BGRTRMA register
to the BGRTRM register
Transfer the value of the BGRTRMB register
to the BGRTRM register
NOTE:
1. The supple voltage can be determined by reading the monitor flag (VCA13 bit in VCA1
register) for voltage detection 2. Figure 7.17 shows an Example of Adjusting Internal
Reference Voltage (Vref) (Voltage Detection 2 Used for Determining Supply Voltage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com