Electronic Components Datasheet Search
  English  ▼

X  

R8C2G Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R8C2G
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 78Page - Renesas Technology Corp R8C2G Datasheet HTML 79Page - Renesas Technology Corp R8C2G Datasheet HTML 80Page - Renesas Technology Corp R8C2G Datasheet HTML 81Page - Renesas Technology Corp R8C2G Datasheet HTML 82Page - Renesas Technology Corp R8C2G Datasheet HTML 83Page - Renesas Technology Corp R8C2G Datasheet HTML 84Page - Renesas Technology Corp R8C2G Datasheet HTML 85Page - Renesas Technology Corp R8C2G Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 344 page
background image
R8C/2G Group
7. Comparator
Rev.1.00
Apr 04, 2008
Page 62 of 318
REJ09B0387-0100
7.5
Comparator 1 and Comparator 2 Interrupts
Two interrupt requests are generated, one each for comparator 1 and comparator 2. Non-maskable or maskable can
be selected for each interrupt type. Refer to 13. Interrupts for interrupts.
7.5.1
Non-Maskable Interrupts
When IRQiSEL (i = 1 or 2) bit in the ALCMR register is set to 0, the comparator i interrupt functions as a non-
maskable interrupt. When the selected interrupt request timing occurs, the VWiC2 bit in the VWiC register is
set to 1. At this time, a non-maskable interrupt request for comparator i is generated.
7.5.2
Maskable Interrupts
When the IRQiSEL (i = 1 or 2) bit in the ALCMR register is set to 1, the comparator i interrupt functions as a
maskable interrupt. The comparator i interrupt uses the single VCMPiIC register (bits IR and ILVL0 to ILVL2)
and a single vector. When the selected interrupt request timing occurs, the VWiC2 bit in the VWiC register is
set to 1. At this time, the IR bit in the VCMPiIC register is set to 1 (interrupt requested).
Refer to 13.1.6 Interrupt Control for the VCMPiIC register and 13.1.5.2 Relocatable Vector Tables for
interrupt vectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com