Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1037 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1037 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1033Page - Renesas Technology Corp SH7261 Datasheet HTML 1034Page - Renesas Technology Corp SH7261 Datasheet HTML 1035Page - Renesas Technology Corp SH7261 Datasheet HTML 1036Page - Renesas Technology Corp SH7261 Datasheet HTML 1037Page - Renesas Technology Corp SH7261 Datasheet HTML 1038Page - Renesas Technology Corp SH7261 Datasheet HTML 1039Page - Renesas Technology Corp SH7261 Datasheet HTML 1040Page - Renesas Technology Corp SH7261 Datasheet HTML 1041Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1037 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 1005 of 1312
REJ09B0320-0200
(2)
Setting Up Manual Buffering
Figure 21.17 shows an example of setting up manual buffering. Each time an ISEC interrupt is
generated, the software checks whether or not the sector is the target sector and starts buffering
when the target sector is found .
Start of automatic buffering setup
End of automatic buffering setup
Clear both the CBUF_AUT and
CBUF_EN bits in CBUFCTL0 to 0
Set the CBUF_EN bit
in CBUFCTL0 to 1
Generation of an ISEC interrupt
Read HEAD02, etc.
Target sector?
[1] Turn off the automatic buffering function
and disable buffering in the buffer RAM.
[2] Enable subcode processing and CD-ROM decoding.
[3] Start input of the data stream.
[1]
Set both the CBUF_AUT and
CBUF_EN bits in CBUFCTL0 to 1
[2]
[3]
No
Yes
Figure 21.17 Example of Setting Up Manual Buffering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com