Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1040 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1040 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1036Page - Renesas Technology Corp SH7261 Datasheet HTML 1037Page - Renesas Technology Corp SH7261 Datasheet HTML 1038Page - Renesas Technology Corp SH7261 Datasheet HTML 1039Page - Renesas Technology Corp SH7261 Datasheet HTML 1040Page - Renesas Technology Corp SH7261 Datasheet HTML 1041Page - Renesas Technology Corp SH7261 Datasheet HTML 1042Page - Renesas Technology Corp SH7261 Datasheet HTML 1043Page - Renesas Technology Corp SH7261 Datasheet HTML 1044Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1040 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 1008 of 1312
REJ09B0320-0200
21.5.2
Timing of Status Registers Updates
The status information registers of the CD-ROM decoder are updated on each ISEC interrupt. The
sector for which information is reflected in the status registers is selected by the ER0SEL bit of the
CROMCTL4 register.
21.6
Usage Notes
21.6.1
Stopping and Resuming Buffering Alone During Decoding
When the data of the output stream are being not read out but operation of the CD-ROM decoder
has continued until the buffers are full, the BUF_NG bit in the CBUFST2 register is set to 1; after
that, the CD-ROM decoder becomes incapable of operation.
To stop buffering alone, clear the CBUF_EN bit in the CBUFCTL0 register to 0. If the automatic
buffering function is in use, clear the CBUF_AUT in the CBUFCTL0 register to 0 at the same
time. In this case, the sectors currently in the buffers must be read out.
To resume automatic buffering, set the CBUF_AUT and CBUF_EN bits in the CBUFCTL0
register at the same time.
21.6.2
When CROMST0 Status Register Bits are Set
1. When the ST_SECS bit in the CROMST0 register becomes set, stop decoding immediately
and retry from one sector before the sector that was being decoded.
2. When the ST_SECL bit in the CROMST0 register becomes set, stop decoding immediately
and retry from two sectors before the sector that was being decoded.
21.6.3
Link Blocks
The CD-ROM decoder uses the header information before ECC correction to detect link blocks.
Accordingly, an input data stream that contains an error may be erroneously detected as a link
block. To prevent this, the following measures should be implemented in software.
• During buffering (BUF_ACT = 1 in the CBUFST0 register), check the LINK_OUT1 bit in the
CROMST5 register on each ISEC interrupt. If it is set to 1, check to see if an IERR interrupt
has also occurred; if an IERR interrupt has not occurred, save the MFS values from the
HEAD20 to HEAD23 registers. If an IERR interrupt has occurred, do not save the MSF
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com