Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1041 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1041 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1037Page - Renesas Technology Corp SH7261 Datasheet HTML 1038Page - Renesas Technology Corp SH7261 Datasheet HTML 1039Page - Renesas Technology Corp SH7261 Datasheet HTML 1040Page - Renesas Technology Corp SH7261 Datasheet HTML 1041Page - Renesas Technology Corp SH7261 Datasheet HTML 1042Page - Renesas Technology Corp SH7261 Datasheet HTML 1043Page - Renesas Technology Corp SH7261 Datasheet HTML 1044Page - Renesas Technology Corp SH7261 Datasheet HTML 1045Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1041 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 1009 of 1312
REJ09B0320-0200
• Perform the following processing for seven sectors (indicated by ISEC being generated seven
times) after finding that the LINK_OUT1 bit has been set to 1.
In either of cases 1 and 2 below,
1. LINK_ON = 1 (in the CROMST5 register) is confirmed at each ISEC interrupt, and
LINK_ON = 1 is detected again within the subsequent two-sector period
2. LINK_ON = 1 was not detected at any ISEC interrupt
forcibly stop decoding, set the CROMSY0 register to place the decoder in external sync mode,
and retry decoding by specifying the MSF value stored above + 7 as the MSF value for the
target sector. The start sector address will be the address where RUN_OUT is stored + 7 when
CBUF_LINK = 0, and the address where RUN_OUT is stored when CBUF_LINK = 1.
21.6.4
Reading from the STRMDOUT0 and STRMDOUT1 Registers
When the input stream of data contains an error and ECC correction is executed, the process of
reading from the STRMDOUT0 and STRMDOUT1 registers will be kept waiting by the execution
of ECC correction if the read request is made immediately after an IREADY interrupt or DMA
transfer trigger signal has been generated. This only applies to the first time the registers are read
in the reading of one sector.
In cases where CD-ROM decoding cannot be performed if kept waiting (for example, when the
STRMDOUT0 and STRMDOUT1 registers are read by DMA transfer and input and output for the
SSI are also handled by DMA transfer, so that DMA transfer for the SSI must be carried out with
a fixed period), use the DMAREQDELAY[1:0] bits in the RINGBUFCTL register to delay the
DMA activation signal. This can reduce the length of the wait before reading from the
STRMDOUT0 and STRMDOUT1 registers. Table 21.4 shows the waiting times for the first
reading of STRMDOUT0 and STRMDOUT1 as approximate numbers of cycles. The number of
wait cycles varies according to the positions of any errors for which ECC processing is performed
and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com