| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 1039 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 1039 Page - Renesas Technology Corp |
|
1039 / 1348 page ![]() Section 21 CD-ROM Decoder (ROM-DEC) Rev. 2.00 Sep. 07, 2007 Page 1007 of 1312 REJ09B0320-0200 (3) ISY This interrupt can be generated in the following cases. • When a sync code was detected at a position where the value in the word counter (counter for checking sync code intervals) was not correct and the sync code was ignored • When a sync code has not been detected although the word counter has reached the final value and a sync code has been interpolated (for sync maintenance) • When a sync code was detected at a position where the value in the word counter (counter for checking sync code intervals) was not correct and the sync code was used in resynchronization • When a sync code has not been detected although the word counter has reached the final value, so the period taken up by the sector has been prolonged • When the sector has been processed as a short sector with the aid of interpolated sync codes • When the sector has been processed as a long sector with the aid of interpolated sync codes (4) IERR This interrupt is generated in the following cases. • When ECC correction was incapable of correcting an error • When ECC correction was OK but the subsequent EDC check indicated an error (5) IBUF This interrupt is generated when the following transitions occur. • Data transfer to the buffer → Data transfer complete (searching for data for the next transfer) • Data for transfer to the buffer are being searched for → Data transfer started (6) IREADY This interrupt is generated when decoding of data for one sector is completed. This interrupt should be used to start the CPU buffering stream data for output to SDRAM. (7) DMA Transfer Request The source of DMA activation is the same as that of IREADY. An interrupt request is generated when output stream data for one sector becomes ready, and after the 2768 bytes of data shown in figure 21.15 have been transferred, the request signal is negated once. This is because a certain amount of time is required before the output data for the next sector is ready, so the transfer request from the DMAC should be turned off between transfers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |