Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 131Page - Renesas Technology Corp SH7261 Datasheet HTML 132Page - Renesas Technology Corp SH7261 Datasheet HTML 133Page - Renesas Technology Corp SH7261 Datasheet HTML 134Page - Renesas Technology Corp SH7261 Datasheet HTML 135Page - Renesas Technology Corp SH7261 Datasheet HTML 136Page - Renesas Technology Corp SH7261 Datasheet HTML 137Page - Renesas Technology Corp SH7261 Datasheet HTML 138Page - Renesas Technology Corp SH7261 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 1348 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 103 of 1312
REJ09B0320-0200
(2)
Power-On Reset by Means of H-UDI Reset Assert Command
When the H-UDI reset assert command is set, this LSI enters the power-on reset state. Power-on
reset by means of an H-UDI reset assert command is equivalent to power-on reset by means of the
RES pin. Setting the H-UDI reset negate command cancels the power-on reset state. The time
required between an H-UDI reset assert command and H-UDI reset negate command is the same
as the time to keep the
RES pin low to initiate a power-on reset. In the power-on reset state
generated by an H-UDI reset assert command, setting the H-UDI reset negate command starts
power-on reset exception handling. The CPU operates in the same way as when a power-on reset
was caused by the
RES pin.
(3)
Power-On Reset Initiated by WDT
When a setting is made for a power-on reset to be generated in the WDT’s watchdog timer mode,
and WTCNT of the WDT overflows, this LSI enters the power-on reset state.
In this case, WRCSR of the WDT and FRQCR of the CPG are not initialized by the reset signal
generated by the WDT.
If a reset caused by the
RES pin or the H-UDI reset assert command occurs simultaneously with a
reset caused by WDT overflow, the reset caused by the
RES pin or the H-UDI reset assert
command has priority, and the WOVF bit in WRCSR is cleared to 0. When power-on reset
exception processing is started by the WDT, the CPU operates in the same way as when a power-
on reset was caused by the
RES pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com