Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 132Page - Renesas Technology Corp SH7261 Datasheet HTML 133Page - Renesas Technology Corp SH7261 Datasheet HTML 134Page - Renesas Technology Corp SH7261 Datasheet HTML 135Page - Renesas Technology Corp SH7261 Datasheet HTML 136Page - Renesas Technology Corp SH7261 Datasheet HTML 137Page - Renesas Technology Corp SH7261 Datasheet HTML 138Page - Renesas Technology Corp SH7261 Datasheet HTML 139Page - Renesas Technology Corp SH7261 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 1348 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 104 of 1312
REJ09B0320-0200
5.2.4
Manual Reset
(1)
Manual Reset by Means of
MRES Pin
When the
MRES pin is driven low, this LSI enters the manual reset state. To reset this LSI without
fail, the
MRES pin should be kept at the low level for at least 20-tcyc. In the manual reset state,
the CPU’s internal state is initialized, but all the on-chip peripheral module registers are not
initialized. In the manual reset state, manual reset exception handling starts when the
MRES pin is
first driven low for a fixed period and then returned to high. The CPU operates as follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception handling vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception handling vector table.
3. The vector base register (VBR) is cleared to H'00000000, the interrupt mask level bits (I3 to
I0) of the status register (SR) are initialized to H'F (B'1111), and the BO and CS bits are
initialized. The BN bit in IBNR of the INTC is also initialized to 0.
4. The values fetched from the exception handling vector table are set in the PC and SP, and the
program begins executing.
(2)
Manual Reset Initiated by WDT
When a setting is made for a manual reset to be generated in the WDT’s watchdog timer mode,
and WTCNT of the WDT overflows, this LSI enters the manual reset state.
When manual reset exception processing is started by the WDT, the CPU operates in the same
way as when a manual reset was caused by the
MRES pin.
(3)
Notes at a Manual Reset
When a manual reset is generated, the bus cycle is retained. Thus, manual reset exception handling
will be deferred until the CPU acquires the bus mastership. However, if the interval from
generation of the manual reset until the end of the bus cycle is equal to or longer than the fixed
internal manual reset interval cycles, the internal manual reset source is ignored instead of being
deferred, and manual reset exception handling is not executed. The CPU and the BN bit in IBNR
of the INTC are initialized by a manual reset. The FPU and other modules are not initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com