Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 133Page - Renesas Technology Corp SH7261 Datasheet HTML 134Page - Renesas Technology Corp SH7261 Datasheet HTML 135Page - Renesas Technology Corp SH7261 Datasheet HTML 136Page - Renesas Technology Corp SH7261 Datasheet HTML 137Page - Renesas Technology Corp SH7261 Datasheet HTML 138Page - Renesas Technology Corp SH7261 Datasheet HTML 139Page - Renesas Technology Corp SH7261 Datasheet HTML 140Page - Renesas Technology Corp SH7261 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 1348 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 105 of 1312
REJ09B0320-0200
5.3
Address Errors
5.3.1
Address Error Sources
Address errors occur when instructions are fetched or data read or written, as shown in table 5.7.
Table 5.7
Bus Cycles and Address Errors
Bus Cycle
Type
Bus
Master
Bus Cycle Description
Address Errors
Instruction fetched from even address
None (normal)
Instruction fetched from odd address
Address error occurs
Instruction fetched from area other than
H'F0000000 to H'F5FFFFFFF in cache
address array space*
1
None (normal)
Instruction
fetch
CPU
Instruction fetched from H'F0000000 to
H'F5FFFFFFF in cache address array
space*
1
Address error occurs
Word data accessed from even address
None (normal)
Word data accessed from odd address
Address error occurs
Longword data accessed from a
longword boundary
None (normal)
Longword data accessed from other than
a long-word boundary
Address error occurs
Byte or word data accessed in on-chip
peripheral module space*
2
None (normal)
Longword data accessed in 16-bit on-
chip peripheral module space*
2
None (normal)
Data
read/write
CPU
Longword data accessed in 8-bit on-chip
peripheral module space*
2
None (normal)
Notes: 1. For details on cache address array space, see section 8, Cache.
2. For details on peripheral module space, see section 9, Bus State Controller (BSC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com