Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 377Page - Renesas Technology Corp SH7672 Datasheet HTML 378Page - Renesas Technology Corp SH7672 Datasheet HTML 379Page - Renesas Technology Corp SH7672 Datasheet HTML 380Page - Renesas Technology Corp SH7672 Datasheet HTML 381Page - Renesas Technology Corp SH7672 Datasheet HTML 382Page - Renesas Technology Corp SH7672 Datasheet HTML 383Page - Renesas Technology Corp SH7672 Datasheet HTML 384Page - Renesas Technology Corp SH7672 Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 1292 page
background image
Section 9 Clock Pulse Generator (CPG)
Rev. 1.00 Nov. 14, 2007 Page 355 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
13, 12
CKOEN[1:0] 00
R/W
Clock Output Enable
Specifies the CKIO pin outputs clock signals, or is set
to a fixed level or high impedance (Hi-Z) during
normal operation mode, standby mode, or
cancellation of standby mode.
If these bits are set to 01, the CKIO pin is fixed at low
during standby mode or cancellation of standby
mode. Therefore, the malfunction of an external circuit
caused by an unstable CKIO clock during cancellation
of standby mode can be prevented. In clock operating
mode 2, the CKIO pin functions as an input
regardless of the value of these bits.
In normal operation
In standby mode
00
Output
Output off (Hi-Z)
01
Output
Low-level output
10
Output
Output
(unstable clock output)
11
Output off (Hi-Z)
Output off (Hi-Z)
11, 10
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
9, 8
STC[1:0]
00
R/W
Frequency Multiplication Ratio of PLL Circuit
00:
× 8 time
01:
× 12 times
10: Reserved (setting prohibited)
11: Reserved (setting prohibited)
7 to 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com