Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 374Page - Renesas Technology Corp SH7672 Datasheet HTML 375Page - Renesas Technology Corp SH7672 Datasheet HTML 376Page - Renesas Technology Corp SH7672 Datasheet HTML 377Page - Renesas Technology Corp SH7672 Datasheet HTML 378Page - Renesas Technology Corp SH7672 Datasheet HTML 379Page - Renesas Technology Corp SH7672 Datasheet HTML 380Page - Renesas Technology Corp SH7672 Datasheet HTML 381Page - Renesas Technology Corp SH7672 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 1292 page
background image
Section 9 Clock Pulse Generator (CPG)
Rev. 1.00 Nov. 14, 2007 Page 352 of 1262
REJ09B0437-0100
PLL
Frequency
Multiplier
Selectable Frequency Range (MHz)
Clock
Operating
Mode
FRQCR
Setting*
1
Divider 1
PLL
Circuit
Ratio of
Internal
Clock
Frequencies
(I:B:P)*
2
Input Clock*
3
Output Clock
(CKIO Pin)
Internal Clock
(I
φ)
Bus Clock
(B
φ)
Peripheral
Clock (P
φ)
H'x003
1/4
ON (
× 8)
2:1:1/2
60.00 to 100.00
120.00 to 200.00 60.00 to 100.00 30.00 to 50.00
H'x004
1/4
ON (
× 8)
2:1:1/3
60.00 to 100.00
120.00 to 200.00 60.00 to 100.00 20.00 to 33.33
H'x005
1/4
ON (
× 8)
2:1:1/4
60.00 to 100.00
120.00 to 200.00 60.00 to 100.00 15.00 to 25.00
H'x006
1/4
ON (
× 8)
2:1:1/6
60.00 to 100.00
120.00 to 200.00 60.00 to 100.00 10.00 to 16.67
H'x013
1/4
ON (
× 8)
1:1:1/2
60.00 to 100.00
60.00 to 100.00
60.00 to 100.00
30.00 to 50.00
H'x014
1/4
ON (
× 8)
1:1:1/3
60.00 to 100.00
60.00 to 100.00
60.00 to 100.00
20.00 to 33.33
H'x015
1/4
ON (
× 8)
1:1:1/4
60.00 to 100.00
60.00 to 100.00
60.00 to 100.00
15.00 to 25.00
H'x016
1/4
ON (
× 8)
1:1:1/6
60.00 to 100.00
60.00 to 100.00
60.00 to 100.00
10.00 to 16.67
H'x104
1/4
ON (
× 12)
3:1:1/2
60.00 to 66.67
180.00 to 200.00 60.00 to 66.67
30.00 to 33.33
2
H'x106
1/4
ON (
× 12)
3:1:1/4
60.00 to 66.67
180.00 to 200.00 60.00 to 66.67
15.00 to 16.67
H'x003
1/2
ON (
× 8)
4:2:1
48.00 to 48.00
96.00 to 96.00
192.00 to 192.00 96.00 to 96.00
48.00 to 48.00
H'x004
1/2
ON (
× 8)
4:2:2/3
48.00 to 48.00
96.00 to 96.00
192.00 to 192.00 96.00 to 96.00
32.00 to 32.00
H'x005
1/2
ON (
× 8)
4:2:1/2
48.00 to 48.00
96.00 to 96.00
192.00 to 192.00 96.00 to 96.00
24.00 to 24.00
H'x006
1/2
ON (
× 8)
4:2:1/3
48.00 to 48.00
96.00 to 96.00
192.00 to 192.00 96.00 to 96.00
16.00 to 16.00
H'x013
1/2
ON (
× 8)
2:2:1
48.00 to 48.00
96.00 to 96.00
96.00 to 96.00
96.00 to 96.00
48.00 to 48.00
H'x014
1/2
ON (
× 8)
2:2:2/3
48.00 to 48.00
96.00 to 96.00
96.00 to 96.00
96.00 to 96.00
32.00 to 32.00
H'x015
1/2
ON (
× 8)
2:2:1/2
48.00 to 48.00
96.00 to 96.00
96.00 to 96.00
96.00 to 96.00
24.00 to 24.00
3
H'x016
1/2
ON (
× 8)
2:2:1/3
48.00 to 48.00
96.00 to 96.00
96.00 to 96.00
96.00 to 96.00
16.00 to 16.00
Notes:
1. x in the FRQCR register setting depends on the set value in bits 12 and 13.
2. The ratio of clock frequencies, where the input clock frequency is assumed to be 1.
3. In mode 0, the frequency of the EXTAL pin input clock or the crystal resonator
In mode 1, the frequency of the EXTAL pin input clock
In mode 2, the frequency of the CKIO pin input clock.
In mode 3, the frequency of the USB_X1 pin input clock or the crystal resonator
Cautions: 1. The frequency of the internal clock is as follows:
In mode 0
the frequency on the EXTAL pin
× the frequency-multiplier of the PLL
circuit
× the divisor of the divider 1
In mode 1
(the frequency on the EXTAL pin
× 1/2) × the frequency-multiplier of
the PLL circuit
× the divisor of the divider 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com