Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 372Page - Renesas Technology Corp SH7672 Datasheet HTML 373Page - Renesas Technology Corp SH7672 Datasheet HTML 374Page - Renesas Technology Corp SH7672 Datasheet HTML 375Page - Renesas Technology Corp SH7672 Datasheet HTML 376Page - Renesas Technology Corp SH7672 Datasheet HTML 377Page - Renesas Technology Corp SH7672 Datasheet HTML 378Page - Renesas Technology Corp SH7672 Datasheet HTML 379Page - Renesas Technology Corp SH7672 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 1292 page
background image
Section 9 Clock Pulse Generator (CPG)
Rev. 1.00 Nov. 14, 2007 Page 350 of 1262
REJ09B0437-0100
• Mode 2
In mode 2, the CKIO pin functions as an input pin and draws an external clock signal. The
PLL circuit shapes waveform and the frequency is multiplied according to the frequency
control register setting before the clock is supplied to the LSI. The frequency range of CKIO is
from 60 to 100 MHz*. To reduce current supply, pull up the EXTAL pin and open the XTAL
pin when the LSI is used in mode 2. When USB is not used, pull up the USB_X1 pin and open
the USB_X2 pin.
Note: * These are target values that were set when this hardware manual was prepared. The
guaranteed maximum frequencies will be determined after the final evaluation result of
this LSI is obtained.
• Mode 3
In mode 3, clock is input from the USB_X1 pin or the crystal oscillator. The external clock is
input through this pin and waveform is shaped in the PLL circuit. Then the frequency is
multiplied according to the frequency control register setting before the clock is supplied to the
LSI. The frequency of CKIO is the same as that of the input clock 96 MHz*. To reduce current
supply, pull up the EXTAL pin and open the XTAL pin when the LSI is used in mode 3. When
the USB crystal resonator is not used, open the USB_X2 pin.
Note: * These are target values that were set when this hardware manual was prepared. The
guaranteed maximum frequencies will be determined after the final evaluation result of
this LSI is obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com