Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 369Page - Renesas Technology Corp SH7672 Datasheet HTML 370Page - Renesas Technology Corp SH7672 Datasheet HTML 371Page - Renesas Technology Corp SH7672 Datasheet HTML 372Page - Renesas Technology Corp SH7672 Datasheet HTML 373Page - Renesas Technology Corp SH7672 Datasheet HTML 374Page - Renesas Technology Corp SH7672 Datasheet HTML 375Page - Renesas Technology Corp SH7672 Datasheet HTML 376Page - Renesas Technology Corp SH7672 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 1292 page
background image
Section 9 Clock Pulse Generator (CPG)
Rev. 1.00 Nov. 14, 2007 Page 347 of 1262
REJ09B0437-0100
9.2
Input/Output Pins
Table 9.1 lists the clock pulse generator pins and their functions.
Table 9.1
Pin Configuration and Functions of the Clock Pulse Generator
Pin Name
Symbol I/O
Function
(Clock
Operating
Mode 0)
Function
(Clock
Operating
Mode 1)
Function
(Clock
Operating
Mode 2)
Function
(Clock
Operating
Mode 3)
MD_
CLK0
Input
Sets the clock operating mode.
Mode
control pins
MD_
CLK1
Input
Sets the clock operating mode.
XTAL
Output Connected to
the crystal
resonator.
(Leave this pin
open when the
crystal
resonator is not
in use.)
Leave this pin
open.
Leave this pin
open.
Leave this pin
open.
Crystal
input/output
pins (clock
input pins)
EXTAL
Input
Connected to
the crystal
resonator or
used to input
external clock.
Used as an
external clock
input terminal.
Pull-up this pin. Pull-up this pin.
Clock
input/output
pin
CKIO
I/O
Clock output
pin.
Clock output
pin
Clock input pin
Clock output
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com