Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 365Page - Renesas Technology Corp SH7672 Datasheet HTML 366Page - Renesas Technology Corp SH7672 Datasheet HTML 367Page - Renesas Technology Corp SH7672 Datasheet HTML 368Page - Renesas Technology Corp SH7672 Datasheet HTML 369Page - Renesas Technology Corp SH7672 Datasheet HTML 370Page - Renesas Technology Corp SH7672 Datasheet HTML 371Page - Renesas Technology Corp SH7672 Datasheet HTML 372Page - Renesas Technology Corp SH7672 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 1292 page
background image
Section 9 Clock Pulse Generator (CPG)
Rev. 1.00 Nov. 14, 2007 Page 343 of 1262
REJ09B0437-0100
Section 9 Clock Pulse Generator (CPG)
This LSI has a clock pulse generator (CPG) that generates an internal clock (I
φ), a peripheral clock
(P
φ), and a bus clock (Bφ). The CPG consists of a crystal oscillator, PLL circuits, and divider
circuits.
9.1
Features
• Four clock operating modes
The mode can be selected from among the four clock operating modes based on the frequency
range to be used and the input clock type: the crystal resonator, the external clock, the crystal
resonator for USB, or the external clock for USB.
• Three clocks generated independently
An internal clock (I
φ) for the CPU and cache; a peripheral clock (Pφ) for the on-chip
peripheral modules; a bus clock (B
φ = CKIO) for the external bus interface
• Frequency change function
Internal and peripheral clock frequencies can be changed independently using the PLL (phase
locked loop) circuits and divider circuits within the CPG. Frequencies are changed by software
using frequency control register (FRQCR) settings.
• Power-down mode control
The clock can be stopped in sleep mode and software standby mode, and specific modules can
be stopped using the module standby function. For details on clock control in the power-down
modes, see section 11, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com