Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 361Page - Renesas Technology Corp SH7672 Datasheet HTML 362Page - Renesas Technology Corp SH7672 Datasheet HTML 363Page - Renesas Technology Corp SH7672 Datasheet HTML 364Page - Renesas Technology Corp SH7672 Datasheet HTML 365Page - Renesas Technology Corp SH7672 Datasheet HTML 366Page - Renesas Technology Corp SH7672 Datasheet HTML 367Page - Renesas Technology Corp SH7672 Datasheet HTML 368Page - Renesas Technology Corp SH7672 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 339 of 1262
REJ09B0437-0100
8.4.5
Number of Bus Cycles and DREQ Pin Sampling Timing
(1) Number of Bus Cycles
When the DMAC is the bus master, the number of bus cycles is controlled by the bus state
controller (BSC) in the same way as when the CPU is the bus master. For details, see section 7,
Bus State Controller (BSC).
(2) DREQ Pin Sampling Timing
Figures 8.13 to 8.16 show the DREQ input sampling timings in each bus mode.
CKIO
DREQ
DACK
Bus cycle
(Rising)
(Active-high)
1st acceptance
2nd acceptance
CPU
CPU
CPU
Acceptance start
DMAC
Non sensitive period
Figure 8.13 Example of DREQ Input Detection in Cycle Steal Mode Edge Detection
CKIO
DREQ
(Overrun 0 at
high level)
DACK
(Active-high)
Bus cycle
1st acceptance
CPU
CPU
CPU
DMAC
CKIO
DREQ
(Overrun 1 at
high level)
DACK
(Active-high)
Bus cycle
2nd acceptance
CPU
CPU
CPU
DMAC
Acceptance
start
Acceptance
start
2nd acceptance
1st acceptance
Non sensitive period
Non sensitive period
Figure 8.14 Example of DREQ Input Detection in Cycle Steal Mode Level Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com