Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 358Page - Renesas Technology Corp SH7672 Datasheet HTML 359Page - Renesas Technology Corp SH7672 Datasheet HTML 360Page - Renesas Technology Corp SH7672 Datasheet HTML 361Page - Renesas Technology Corp SH7672 Datasheet HTML 362Page - Renesas Technology Corp SH7672 Datasheet HTML 363Page - Renesas Technology Corp SH7672 Datasheet HTML 364Page - Renesas Technology Corp SH7672 Datasheet HTML 365Page - Renesas Technology Corp SH7672 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 336 of 1262
REJ09B0437-0100
(b) Burst Mode
In burst mode, once the DMAC obtains the bus mastership, it does not release the bus mastership
and continues to perform transfer until the transfer end condition is satisfied. In external request
mode with low level detection of the DREQ pin, however, when the DREQ pin is driven high, the
bus mastership is passed to another bus master after the DMAC transfer request that has already
been accepted ends, even if the transfer end conditions have not been satisfied.
Figure 8.11 shows DMA transfer timing in burst mode.
CPU
CPU
CPU
DMAC DMAC DMAC DMAC
CPU
DREQ
Bus cycle
Read
Read
Write
Write
CPU
Figure 8.11 DMA Transfer Example in Burst Mode
(Dual Address, DREQ Low Level Detection)
(3) Relationship between Request Modes and Bus Modes by DMA Transfer Category
Table 8.10 shows the relationship between request modes and bus modes by DMA transfer
category.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com